Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS803E1KG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS803E1KG4
Description  12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS803E1KG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS803E1KG4 Datasheet HTML 5Page - Texas Instruments ADS803E1KG4 Datasheet HTML 6Page - Texas Instruments ADS803E1KG4 Datasheet HTML 7Page - Texas Instruments ADS803E1KG4 Datasheet HTML 8Page - Texas Instruments ADS803E1KG4 Datasheet HTML 9Page - Texas Instruments ADS803E1KG4 Datasheet HTML 10Page - Texas Instruments ADS803E1KG4 Datasheet HTML 11Page - Texas Instruments ADS803E1KG4 Datasheet HTML 12Page - Texas Instruments ADS803E1KG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ADS803
9
SBAS074B
www.ti.com
V
IN
IN
IN
CM
22
22
100pF
R
T
100pF
+
4.7
µF
0.1
µF
ADS803
1:n
0.1
µF
R
G
REFERENCE OPERATION
Integrated into the ADS803 is a bandgap reference circuit
including logic that provides either a +1V or +2.5V reference
output by simply selecting the corresponding pin-strap con-
figuration. Different reference voltages can be generated by
the use of two external resistors, which will set a different
gain for the internal reference buffer. For more design flexibil-
ity, the internal reference can be shut off and an external
reference voltage used. Table I provides an overview of the
possible reference options and pin configurations.
FIGURE 3. Transformer-Coupled Input
INPUT
FULL-SCALE
REQUIRED
MODE
RANGE
VREF
CONNECT
TO
Internal
2Vp-p
+1V
SEL
VREF
Internal
5Vp-p
+2.5V
SEL
GND
Internal
2V
≤ FSR < 5V
1V < VREF < 2.5V
R1
VREF and SEL
FSR = 2 x VREF
VREF = 1 + (R1/R2)R2
SEL and GND
External
1V < FSR < 5V
0.5V < VREF < 2.5V
SEL
+VS
VREF
Ext. VREF
TABLE I. Selected Reference Configuration Examples.
A simple model of the internal reference circuit is shown in
Figure 4. The internal blocks are a 1V-bandgap voltage
reference, buffer, the resistive reference ladder, and the
drivers for the top and bottom reference that supply the
necessary current to the internal nodes. As shown, the
output of the buffer appears at the VREF pin. The full-scale
input span of the ADS803 is determined by the voltage at
VREF, according to Equation 1:
Full-Scale Input Span = 2 • VREF
(1)
Note that the current drive capability of this amplifier is limited to
approximately 1mA and should not be used to drive low loads.
The programmable reference circuit is controlled by the voltage
applied to the select pin (SEL). Refer to Table I for an overview.
FIGURE 4. Equivalent Reference Circuit.
800
800
REFB
CM
Reference
Driver
Bandgap
and Logic
REFT
V
REF
SEL
1V
DC
Resistor Network
and Switches
Disable
Switch
to A/D
to A/D
ADS803


Similar Part No. - ADS803E1KG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS803E BURR-BROWN-ADS803E Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS803E1KG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com