Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS803U1K Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS803U1K
Description  12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS803U1K Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS803U1K Datasheet HTML 4Page - Texas Instruments ADS803U1K Datasheet HTML 5Page - Texas Instruments ADS803U1K Datasheet HTML 6Page - Texas Instruments ADS803U1K Datasheet HTML 7Page - Texas Instruments ADS803U1K Datasheet HTML 8Page - Texas Instruments ADS803U1K Datasheet HTML 9Page - Texas Instruments ADS803U1K Datasheet HTML 10Page - Texas Instruments ADS803U1K Datasheet HTML 11Page - Texas Instruments ADS803U1K Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ADS803
8
SBAS074B
www.ti.com
FIGURE 2. DC-Coupled, Single-Ended Input Configuration with DC-Level Shift.
An advantage of ac-coupling is that the driving amplifier still
operates with a ground-based signal swing. This will keep the
distortion performance at its optimum since the signal swing
stays within the linear region of the op amp and sufficient
headroom to the supply rails can be maintained. Consider
using the inverting gain configuration to eliminate CMR in-
duced errors of the amplifier. The addition of a small series
resistor (RS) between the output of the op amp and the input
of the ADS803 will be beneficial in almost all interface configu-
rations. This will decouple the op amp’s output from the
capacitive load and avoid gain peaking, which can result in
increased noise. For best spurious and distortion performance,
the resistor value should be kept below 50
Ω. Furthermore, the
series resistor together with the 100pF capacitor, establish a
passive low-pass filter, limiting the bandwidth for the wideband
noise thus help improving the SNR performance.
DC-COUPLED WITHOUT LEVEL SHIFT
In some applications the analog input signal may already be
biased at a level which complies with the selected input
range and reference level of the ADS803. In this case, it is
only necessary to provide an adequately low source imped-
ance to the selected input, IN or IN. Always consider wideband
op amps, since their output impedance will stay low over a
wide range of frequencies. For those applications requiring
the driving amplifier to provide a signal amplification (with a
gain
≥ 3), consider using the decompensated voltage-feed-
back op amp OPA643.
DC-COUPLED WITH LEVEL SHIFT
Several applications may require that the bandwidth of the
signal path includes DC, in which case the signal has to be
DC-coupled to the A/D converter. In order to accomplish
this, the interface circuit has to provide a DC-level shift. The
circuit presented in Figure 2 employs an op amp, A1, to sum
the ground centered input signal with a required DC offset.
OPA691
V
IN
+V
S
2Vp-p
0
+1V
–1V
R
F
R
IN
NOTE: R
F = RIN, G = –1
+V
S
ADS803
R
S
24.9
2k
100pF
10
µF
+
+2.5V
R
2
R
1
2k
IN
IN
REFB
(+1V)
V
REF
SEL
REFT
0.1
µF
0.1
µF
The ADS803 typically operates with a +2.5V common-mode
voltage, which is established at the center tap of the ladder
and connected to the IN input of the converter. Amplifier A1
operates in inverting configuration. Here, resistors R1 and
R2 set the DC bias level for A1. Due to the op amp’s noise
gain of +2V/V (assuming RF = RIN), the DC offset voltage
applied to its noninverting input has to be divided down to
+1.25V, resulting in a DC output voltage of +2.5V.
DC voltage differences between the IN and IN inputs of the
ADS803 will effectively produce an offset, which can be
corrected for by adjusting the values of resistors R1 and R2.
The bias current of the op amp may also result in an
undesired offset. The selection criteria of the appropriate op
amp should include the input bias current, output voltage
swing, distortion, and noise specification. Note that in this
example the overall signal phase is inverted. To re-estab-
lish the original signal polarity it is always possible to
interchange the IN and IN connections.
SINGLE-ENDED-TO-DIFFERENTIAL
CONFIGURATION (TRANSFORMER COUPLED)
In order to select the best suited interface circuit for the
ADS803, the performance requirements must be known. If
an ac-coupled input is needed for a particular application, the
next step is to determine the method of applying the signal;
either single-ended or differentially. The differential input
configuration may provide a noticeable advantage of achiev-
ing good SFDR performance based on the fact that in the
differential mode, the signal swing can be reduced to half of
the swing required for single-ended drive. Secondly, by
driving the ADS803 differentially, the even-order harmonics
will be reduced. See Figure 3 for the schematic of the
suggested transformer coupled interface circuit. The resistor
across the secondary side (RT) should be set to get an input
impedance match (e.g., RT = n2 • RG).


Similar Part No. - ADS803U1K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS803U BURR-BROWN-ADS803U Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS803U1K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com