Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0603Y222KXCAC31 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # VJ0603Y222KXCAC31
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0603Y222KXCAC31 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button VJ0603Y222KXCAC31 Datasheet HTML 7Page - Vishay Siliconix VJ0603Y222KXCAC31 Datasheet HTML 8Page - Vishay Siliconix VJ0603Y222KXCAC31 Datasheet HTML 9Page - Vishay Siliconix VJ0603Y222KXCAC31 Datasheet HTML 10Page - Vishay Siliconix VJ0603Y222KXCAC31 Datasheet HTML 11Page - Vishay Siliconix VJ0603Y222KXCAC31 Datasheet HTML 12Page - Vishay Siliconix VJ0603Y222KXCAC31 Datasheet HTML 13Page - Vishay Siliconix VJ0603Y222KXCAC31 Datasheet HTML 14Page - Vishay Siliconix VJ0603Y222KXCAC31 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
VJ....31/VJ....34 Automotive MLCC
www.vishay.com
Vishay Vitramon
Revision: 12-Feb-14
11
Document Number: 45040
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1 - GENERAL CERTIFICATES
2 - TECHNICAL REQUIREMENTS
Unless specified in component specification, these parameters are the minimum requirements for the components.
2.1 OPERATING TEMPERATURE RANGE
2.2 STORAGE AND HANDLING CONDITIONS
2.3 CHARACTERISTICS
# Quality management system acc. to ISO/TS 16949: 2009
Yes
# Quality management system acc. to ISO 9001: 2008
Yes
# Environmental certification acc. to ISO 14001: 2004
Yes
# Health and safety system acc. to OHSA 18001
Yes
For standard applications
TA: -55 °C to +125 °C
See characteristics 2.3
For high temperature applications
TA: -55 °C to +150 °C
See characteristics 2.3
For ultra high temperature applications
TA: -55 °C to +175 °C
See characteristics 2.3
(1) Store the components at 5 °C to +40 °C ambient temperature and
 70 % relative humidity conditions.
(2) The product is recommended to be used within a time-frame of 2 years after shipment.
Check solderability in case extended shelf life beyond the expiry date is needed.
Precautions:
a. Do not store products in an environment containing corrosive elements, especially where chloride gas, sulfide gas, acid, alkali, salt or
the like are present. This may cause corrosion or oxidization of the terminations, which can easily lead to poor soldering.
b. Store products on the shelf and avoid exposure to moisture or dust.
c. Do not expose products to excessive shock, vibration, direct sunlight and so on.
PARAMETER
CERAMIC
TYPE
SYMBOL
RATINGS
TEST CONDITIONS/
REMARKS
Rated voltage in temperature range -55 °C to +125 °C
C0G (NP0)
UR
25 V to 3000 V
X7R
16 V to 630 V
Rated voltage in temperature range -55 °C to +150 °C
X8R
25 V/50 V
Derating at higher temperature up to +150 °C
C0G (NP0),
25 V to 100 V
UDC 1/2 UR
X7R
16 V to 100 V
UDC 1/2 UR
Derating at higher temperature up to +175 °C
C0G (NP0),
25 V to 100 V
UDC 1/4 UR
X7R
16 V to 100 V
UDC 1/4 UR
X8R
25 V/50 V
UDC 1/4 UR
Temperature coefficient in temperature range
-55 °C to +125 °C
C0G (NP0)
C
 ± 30 ppm/C
if CR < 10 pF: C  ± 120 ppm/K
X7R
C
 ± 15 %
Temperature coefficient in temperature range
-55 °C to +150 °C
C0G (NP0)
C
 ± 30 ppm/C
if CR < 10 pF: C  ± 120 ppm/K
X7R
C
+15 %/-30 %
X8R
 ± 15 %
Temperature coefficient in temperature range
-55 °C to +175 °C
X7R
C
 15 %/-50 %
Dissipation factor in temperature range
-55 °C to +175 °C
C0G (NP0)
tan
 0.0015
X7R
 0.06
X8R
 0.06


Similar Part No. - VJ0603Y222KXCAC31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0603Y102BEAAC VISHAY-VJ0603Y102BEAAC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0603Y102BEAAT VISHAY-VJ0603Y102BEAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0603Y102BEQAC VISHAY-VJ0603Y102BEQAC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0603Y102BEQAT VISHAY-VJ0603Y102BEQAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0603Y102BFAAC VISHAY-VJ0603Y102BFAAC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
More results

Similar Description - VJ0603Y222KXCAC31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
GA34GMLCC VISHAY-GA34GMLCC Datasheet
160Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
VJ0805Y104KXABE31 VISHAY-VJ0805Y104KXABE31 Datasheet
201Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 13-Jun-13
GA31M VISHAY-GA31M Datasheet
205Kb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive High Frequency Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com