Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8A Datasheet(PDF) 1 Page - General Semiconductor

Part # KBU8A
Description  SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

KBU8A Datasheet(HTML) 1 Page - General Semiconductor

  KBU8A Datasheet HTML 1Page - General Semiconductor KBU8A Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/98
KBU8A THRU KBU8M
SINGLE-PHASE BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 8.0 Amperes
FEATURES
♦ Plastic material used carries Underwriters Laboratory
Flammability Classification 94V-0
♦ This series is UL listed under Recognized Component Index,
file number E54214
♦ High case dielectric strength
of 1500 VRMS
♦ Ideal for printed circuit boards
♦ High forward surge current capability
♦ High temperature soldering guaranteed:
250°C/10 seconds, 0.375" (9.5mm) lead length,
5lbs. (2.3 kg) tension
MECHANICAL DATA
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Mounting Position: Any (NOTE 1)
Mounting Torque: 5 in.-lb. max.
Weight: 0.3 ounce, 8.0 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
KBU
KBU
KBU
KBU
KBU
KBU
KBU
SYMBOLS
8A
8B
8D
8G
8J
8K
8M
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified TC=100°C (NOTE 1, 3)
8.0
output current at
TA=45°C (NOTE 2)
I(AV)
6.0
Amps
Peak forward surge current single half sine-wave
superimposed on rated load (JEDEC Method) TJ=150°C
IFSM
300.0
Amps
Maximum instantaneous forward voltage drop
per leg at 8.0A
VF
1.0
Volts
Maximum DC reverse current at rated
TA=25°C
10.0
µA
DC blocking voltage per leg
TA=125°C
IR
1.0
mA
Typical thermal resistance per leg (NOTE 2)
R
ΘJA
18.0
(NOTE 3)
R
ΘJC
3.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-50 to +150
°C
NOTES:
(1) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw
(2) Units mounted in free air, no heatsink, P.C.B. at 0.375" (9.5mm) lead length with 0.5 x 0.5” (12 x 12mm) copper pads
(3) Units mounted on a 3.0 x 3.0” x 0.11" thick (7.5 x 7.5 x 0.3cm) Al. Plate heatsink
0.160 (4.1)
0.065 (1.7)
0.185 (4.7)
0.895 (22.7)
0.935 (23.7)
0.140 (3.6)
0.165 (4.2)
0.085 (2.2)
0.240 (6.09)
0.200 (5.08)
0.220 (5.6)
0.180 (4.6)
0.075 (1.9) R. TYP.
(2 PLACES)
45
o
0.205 (5.2)
0.185 (4.7)
0.052 (1.3)
0.048 (1.2)
0.280 (7.1)
0.260 (6.6)
DIA.
0.760
(19.3)
MAX.
0.700
(17.8)
0.660
(16.8)
1.0
(25.4)
MIN.
0.455 (11.3)
0.405 (10.3)
Case Style KBU
Dimensions in inches and (millimeters)


Similar Part No. - KBU8A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
KBU8A SUNMATE-KBU8A Datasheet
410Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
KBU8A PANJIT-KBU8A Datasheet
55Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Vishay Siliconix
KBU8A VISHAY-KBU8A Datasheet
100Kb / 4P
   Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
America Semiconductor, ...
KBU8A AMERICASEMI-KBU8A Datasheet
583Kb / 2P
   BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
KBU8A BILIN-KBU8A Datasheet
145Kb / 3P
   Silicon Bridge Rectifiers
More results

Similar Description - KBU8A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com