Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS574KEG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS574KEG4
Description  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS574KEG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS574KEG4 Datasheet HTML 7Page - Texas Instruments ADS574KEG4 Datasheet HTML 8Page - Texas Instruments ADS574KEG4 Datasheet HTML 9Page - Texas Instruments ADS574KEG4 Datasheet HTML 10Page - Texas Instruments ADS574KEG4 Datasheet HTML 11Page - Texas Instruments ADS574KEG4 Datasheet HTML 12Page - Texas Instruments ADS574KEG4 Datasheet HTML 13Page - Texas Instruments ADS574KEG4 Datasheet HTML 14Page - Texas Instruments ADS574KEG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
®
ADS574
tion Mode, system throughput can be speeded up, since the
input to the ADS574 can start slewing before the end of a
conversion (after the acquisition time), which is not possible
with existing ADC574s.
INSTALLATION
LAYOUT PRECAUTIONS
Analog (pin 9) and digital (pin 15) commons are not con-
nected together internally in the ADS574, but should be
connected together as close to the unit as possible and to an
analog common ground plane beneath the converter on the
component side of the board. In addition, a wide conductor
pattern should run directly from pin 9 to the analog supply
common, and a separate wide conductor pattern from pin 15
to the digital supply common.
If the single-point system common cannot be established
directly at the converter, pin 9 and pin 15 should still be
connected together at the converter. A single wide conductor
pattern then connects these two pins to the system common.
In either case, the common return of the analog input signal
should be referenced to pin 9 of the ADC. This prevents any
voltage drops that might occur in the power supply common
returns from appearing in series with the input signal.
systems (due to multiplexers, sample/holds, etc. in front of
the converter) does not affect the accuracy of the ADS574
conversion in the Emulation Mode.
In both modes, as soon as the conversion is completed the
internal sample/hold circuit immediately begins slewing to
track the input signal.
Basically, the Control Mode is provided to allow full use of
the internal sample/hold, eliminating the need for an exter-
nal sample/hold in most applications. As compared with
systems using separate sample/hold and A/D, the ADS574
in the Control Mode also eliminates the need for one of the
control signals, usually the convert command. The com-
mand that puts the internal sample/hold in the hold state also
initiates a conversion, reducing timing constraints in many
systems.
The Emulation Mode allows the ADS574 to be dropped into
almost all existing ADC574 sockets without changes to any
other existing system hardware or software. The input to the
ADS574 in the Emulation Mode does not need to be stable
before a convert command is received, so that multiplexers,
programmable gain amplifiers, etc., can be slewing quickly
any time before a convert command is given as long as the
analog input to the ADS574 is stable after the convert
command is received, as it needs to be in existing ADC574
systems for accurate operation. In fact, even in the Emula-
S/H CONTROL MODE
ADC574 EMULATION MODE
(Pin 11 Connected to +5V)
(Pin 11 Connected to 0V to –15V)
SYMBOL
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
tAQ + tC
Throughput Time:
12-bit Conversions
22
25
22
25
µs
8-bit Conversions
16
18
16
18
µs
tC
Conversion Time:
12-bit Conversions
18
18
µs
8-bit Conversions
12
12
µs
tAQ
Acquisition Time
4
4
µs
tAP
Aperture Delay
20
4000
ns
tJ
Aperture Uncertainty
0.3
30
ns
TABLE VI. Conversion Timing, T
MIN
to T
MAX
.
FIGURE 9. Signal Acquisition and Conversion Timing.
Signal
Acquisition
Conversion
Signal
Acquisition
t
AP
Signal
Acquisition
Conversion
Signal
Acquisition
t
C
t
AQ
t
C
t
AQ
t
AP
R/C
S/H Control Mode
Pin 11 connected to +5V.
ADC574 Emulation Mode*
Pin 11 connected to V
EE or ground.
*In the ADC574 Emulation Mode, a convert command triggers a delay that
allows the ADS574 enough time to acquire the input signal before converting.


Similar Part No. - ADS574KEG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS574KE BURR-BROWN-ADS574KE Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS574KEG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com