Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-50RIA60 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-50RIA60
Description  Medium Power Phase Control Thyristors (Stud Version), 50 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-50RIA60 Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-50RIA60 Datasheet HTML 1Page - Vishay Siliconix VS-50RIA60 Datasheet HTML 2Page - Vishay Siliconix VS-50RIA60 Datasheet HTML 3Page - Vishay Siliconix VS-50RIA60 Datasheet HTML 4Page - Vishay Siliconix VS-50RIA60 Datasheet HTML 5Page - Vishay Siliconix VS-50RIA60 Datasheet HTML 6Page - Vishay Siliconix VS-50RIA60 Datasheet HTML 7Page - Vishay Siliconix VS-50RIA60 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VS-50RIA Series
www.vishay.com
Vishay Semiconductors
Revision: 11-Mar-14
6
Document Number: 93711
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95334
-
Current code
-
Essential part number
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
-
None = Stud base TO-208AC (TO-65) 1/4" 28UNF-2A
M = Stud base TO-208AC (TO-65) M6 x 1
-
Critical dV/dt:
None = 500 V/µs (standard value)
S90 = 1000 V/µs (special selection)
Device code
5
1
3
2
4
50
RIA
120
S90
M
3
4
6
5
2
VS-
6
1
-
Vishay Semiconductors product


Similar Part No. - VS-50RIA60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50RIA60 VISHAY-VS-50RIA60 Datasheet
204Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
More results

Similar Description - VS-50RIA60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 19-Nov-15
50RIA160MS90 VISHAY-50RIA160MS90 Datasheet
165Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 23-Apr-13
VS-10RIA VISHAY-VS-10RIA_V01 Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 10 A
01-Jan-2022
VS-22RIA VISHAY-VS-22RIA_V01 Datasheet
190Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 22 A
01-Jan-2022
VS-16RIA VISHAY-VS-16RIA_V01 Datasheet
188Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 16 A
01-Jan-2022
50RIA VISHAY-50RIA Datasheet
150Kb / 7P
   Medium Power Thyristors (Stud Version), 50 A
Revision: 19-Sep-08
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com