Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3N246 Datasheet(PDF) 1 Page - General Semiconductor

Part # 3N246
Description  GLASS PASSIVATED SINGLE-PHASE RECTIFIER BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

3N246 Datasheet(HTML) 1 Page - General Semiconductor

  3N246 Datasheet HTML 1Page - General Semiconductor 3N246 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/98
KBP005M THRU KBP10M
3N246 THRU 3N252
GLASS PASSIVATED SINGLE-PHASE RECTIFIER BRIDGE
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.5 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
♦ This series is UL listed under Recognized Component Index,
file number E54214
♦ Glass passivated chip junctions
♦ High surge current capability
♦ Ideal for printed circuit board
♦ High temperature soldering guaranteed:
260°C/10 seconds at 5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic body over passivated junctions
Terminals: Plated lead solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Mounting position: Any
Weight: 0.06 ounce, 1.7 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
KBP
KBP
KBP
KBP
KBP
KBP
KBP
005M
01M
02M
04M
06M
08M
10M
SYMBOLS 3N246 3N247
3N248
3N249
3N250
3N251
3N252
UNITS
* Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
* Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
* Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward output rectified current at TA=40°C
I(AV)
1.5
Amps
* Peak forward surge current single half sine-wave
50.0
superimposed on rated load (JEDEC Method)
TJ=150°C
IFSM
30.0
Amps
Rating for fusing (t < 8.3ms)
I2t
10.0
A
2sec
* Maximum instantaneous forward voltage drop
at 1.0A per leg
1.0
1.57A per leg
VF
1.3
Volts
* Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage per leg
TA=125°C
IR
500.0
µA
Typical junction capacitance per leg (NOTE 1)
CJ
15.0
pF
Typical thermal resistance per leg (NOTE 2)
R
ΘJA
40.0
R
ΘJL
13.0
°C/W
* Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(2) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with, 0.47 x 0.47" (12 x12mm) copper pads
* JEDEC registered values
Case Style KBPM
0.125 x 45
o
(3.2)
0.600 (15.24)
0.560 (14.22)
0.034 (8.6)
0.028 (7.6)
0.105 (2.67)
0.085 (2.16)
0.160 (4.1)
0.140 (3.6)
0.060
(1.52)
Polarity shown on front side of case: positive lead by beveled corner
0.460 (11.68)
0.420 (10.67)
0.500 (12.70)
0.460 (11.68)
60
(15.2)
MIN.
0.50
(12.7)
MIN.
DIA.
0.200 (5.08)
0.180 (4.57)
Dimensions in inches and (millimeters)


Similar Part No. - 3N246

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3N246 VISHAY-3N246 Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Fairchild Semiconductor
3N246 FAIRCHILD-3N246 Datasheet
44Kb / 3P
   Bridge Rectifiers
logo
Vishay Siliconix
3N246 VISHAY-3N246 Datasheet
102Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
New Jersey Semi-Conduct...
3N246 NJSEMI-3N246 Datasheet
166Kb / 2P
   MINIATURE INTEGRAL DIODE ASSEMBLIES
3N246 NJSEMI-3N246 Datasheet
89Kb / 1P
   MINIATURE INTEGRAL DIODE ASSEMBLIES
More results

Similar Description - 3N246

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com