Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC122S021 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC122S021
Description  ADC122S021 2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S021 Datasheet(HTML) 3 Page - Texas Instruments

  ADC122S021_14 Datasheet HTML 1Page - Texas Instruments ADC122S021_14 Datasheet HTML 2Page - Texas Instruments ADC122S021_14 Datasheet HTML 3Page - Texas Instruments ADC122S021_14 Datasheet HTML 4Page - Texas Instruments ADC122S021_14 Datasheet HTML 5Page - Texas Instruments ADC122S021_14 Datasheet HTML 6Page - Texas Instruments ADC122S021_14 Datasheet HTML 7Page - Texas Instruments ADC122S021_14 Datasheet HTML 8Page - Texas Instruments ADC122S021_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
ADC122S021
www.ti.com
SNAS280D – MARCH 2005 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Analog Supply Voltage VA
−0.3V to 6.5V
Voltage on Any Pin to GND
−0.3V to VA +0.3V
Input Current at Any Pin (4)
±10 mA
Package Input Current (4)
±20 mA
Power Consumption at TA = 25°C
See (5)
ESD Susceptibility (6)
Human Body Model
2500V
Machine Model
250V
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For specifications and test conditions, see the Electrical
Characteristics. The specifications apply only for the test conditions listed. Some performance characteristics may degrade when the
device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the input voltage at any pin exceeds the power supply (that is, VIN < GND or VIN > VA), the current at that pin should be limited to
10 mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an
input current of 10 mA to two. The Absolute Maximum Rating specification does not apply to the VA pin. The current into the VA pin is
limited by the Analog Supply Voltage specification.
(5)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJmax − TA)/θJA. The values for maximum power dissipation listed above will be reached only when the device is operated in
a severe fault condition (e.g. when input or output pins are driven beyond the power supply voltages, or the power supply polarity is
reversed). Obviously, such conditions should always be avoided.
(6)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through zero ohms.
OPERATING RATINGS
(1) (2)
Operating Temperature Range
−40°C ≤ TA ≤ +85°C
VA Supply Voltage
+2.7V to +5.25V
Digital Input Pins Voltage Range
−0.3V to VA
Clock Frequency
50 kHz to 16 MHz
Analog Input Voltage
0V to VA
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For specifications and test conditions, see the Electrical
Characteristics. The specifications apply only for the test conditions listed. Some performance characteristics may degrade when the
device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
PACKAGE THERMAL RESISTANCE
Package
θJA
8-lead VSSSOP
250°C / W
Soldering process must comply with Texas Instruments' Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.(1)
(1)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC122S021


Similar Part No. - ADC122S021_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results

Similar Description - ADC122S021_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S021 4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC102S021 TI1-ADC102S021_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com