Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC122S021 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC122S021
Description  ADC122S021 2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S021 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC122S021_14 Datasheet HTML 6Page - Texas Instruments ADC122S021_14 Datasheet HTML 7Page - Texas Instruments ADC122S021_14 Datasheet HTML 8Page - Texas Instruments ADC122S021_14 Datasheet HTML 9Page - Texas Instruments ADC122S021_14 Datasheet HTML 10Page - Texas Instruments ADC122S021_14 Datasheet HTML 11Page - Texas Instruments ADC122S021_14 Datasheet HTML 12Page - Texas Instruments ADC122S021_14 Datasheet HTML 13Page - Texas Instruments ADC122S021_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
ADC122S021
SNAS280D – MARCH 2005 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
TA = +25°C, fSAMPLE = 50 ksps to 200 ksps, fSCLK = 0.8 MHz to 3.2 MHz, fIN = 39.9 kHz unless otherwise stated.
DNL
INL
vs.
vs.
Clock Frequency
Clock Frequency
Figure 11.
Figure 12.
DNL
INL
vs.
vs.
Clock Duty Cycle
Clock Duty Cycle
Figure 13.
Figure 14.
DNL
INL
vs.
vs.
Temperature
Temperature
Figure 15.
Figure 16.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC122S021


Similar Part No. - ADC122S021_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results

Similar Description - ADC122S021_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S021 4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC102S021 TI1-ADC102S021_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com