Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZE-10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZE-10
Description  ZigBee OEM module, ProBee-ZE10
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZE-10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZE-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZE-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZigBee OEM module,
ProBee-ZE10
www.sena.com
For more information,please visit us at http://www.sena.com
U.S. / Canada / South America
Tel: 408-448-1997 Fax: 408-907-3738
Toll Free (US/Canada): 8668-US-SENA (866-887-7362)
EU / Africa
Tel: +33 (0)1 53 53 16 29 Fax: +33 (0)1 70 24 70 90
Asia / Pacific
Tel: +82-2-576-7362 Fax: +82-2-573-7710
Contact us via E-mail
General Information: info@sena.com
Sales & Distribution: sales@sena.com
Technical Support: support@sena.com
Interfaces
- Serial Data Interface: 1 UART
- Serial Data Rate: 1 Mbps
- ADC: 4 Inputs
- 13 Digital Inputs/Outputs
Device Management and Configuration
- Configuration Method: AT Commands, ProBee Manager
- Remote Configuration
- Remote Firmware Upgrade using both Cloning and Pass-thru
methods
- Supports rich neighborhood device scanning and monitoring
using AT commands
Power Requirements
- Supply Voltage: 5V ~ 12V DC
- TX Current: 190mA @3.3V (max.)
- RX Current: 45mA @3.3V (max.)
- Sleep Current: ≤ 2uA
Physical Properties and Others
- Pin: 2.0mm Pin Header 14 x 2
- Size: 51.7 mm x 23.0 mm x 11.15 mm (2.03 in x 0.90 in x 0.43 in)
- Operating Temperature: -40˚C to 85˚C
Certification: FCC, CE, TELEC, KCC
Warranty: 3-year limited warranty
Specifications
RF Characteristics
- Based on Ember EM250
- Interface Immunity: DSSS
- Transmit Power: +20dBm E.I.R.P (max.)
- Receiver Sensitivity: -102dBm @1% BER
- RF Data Rate: 250 kbps
- Working Distance: Up to 1.6km using 5 dBi dipole antenna
- Various Antenna/Connector Options: Dipole 1/3/5dBi, U.FL, Chip
- Channels: 14
- Channel Spacing: 5 MHz
ZigBee Network
- Network topology: Mesh
- Stack profile: ZigBee 2007 / ZigBee Pro
- Network addressing: Channel, PAN ID, EPID
ZigBee Data Transmission
- Unicasting
- Multicasting
- Broadcasting
- Many-to-One Communication
- Enhanced Reliability based on data retransmission
ZigBee Security
- Network Layer security with one Trust Center for efficient
operation
- 128 bit AES encryption algorithms
- Strong, NIST-approved security
Ordering Information
Part number
Description
ZE10C-00
ZE10U-00
ZE10S-00
ZE10-SK01
ProBee ZE10 ZigBee OEM Module w/ Chip Antenna
ProBee ZE10 ZigBee OEM Module w/ U.FL
Connector
ProBee ZE10 ZigBee OEM Module w/ RPSMA
Connector
ProBee ZE10 Starter Kit
Part number
Description
SAT-G01R
DAT-G01R
DAT5-G01R
SEC-G01R
UEC-G01R
1 dBi Stub Antenna, RP-SMA Plug, Right-hand
Thread
3 dBi Dipole Antenna, RP-SMA Plug, Right-hand
Thread
5 dBi Dipole Antenna, RP-SMA Plug, Right-hand
Thread
15cm RPSMA Antenna Extension Cable, Right-Hand
Thread
12cm U.FL to RPSMA Cable, Right-Hand Thread
Optional Accessories
· Advanced Metering Infrastructure
· Home Area Networks (HAN)
· Neighborhood Area Networks (NAN)
· Home Automation
· Advanced Lighting, Entertainment, and Climate Control Systems
· Service-based Monitoring, Security, and Awareness Systems
· Commercial Building Automation
· Climate & Lighting Control Systems
· Industrial and Domestic Applications
Applications


Similar Part No. - ZE-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZE-20S ETC2-ZE-20S Datasheet
359Kb / 2P
   ZigBee OEM module ProBee-ZE20S
logo
Omron Electronics LLC
ZE-N-2 OMRON-ZE-N-2 Datasheet
1Mb / 12P
   Long Service Life and Large Breaking Power
ZE-N-2 OMRON-ZE-N-2 Datasheet
1Mb / 11P
   General-purpose Enclosed Switches with High Breaking Capacity and High Durability
ZE-N-2G OMRON-ZE-N-2G Datasheet
1Mb / 11P
   General-purpose Enclosed Switches with High Breaking Capacity and High Durability
ZE-N-2S OMRON-ZE-N-2S Datasheet
1Mb / 11P
   General-purpose Enclosed Switches with High Breaking Capacity and High Durability
More results

Similar Description - ZE-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZE-20S ETC2-ZE-20S Datasheet
359Kb / 2P
   ZigBee OEM module ProBee-ZE20S
PROBEE-ZE20S ETC-PROBEE-ZE20S Datasheet
1Mb / 19P
   ZigBee OEM module
ZE10-KR ETC-ZE10-KR Datasheet
419Kb / 2P
   Zigbee oem module
ZB21 ETC2-ZB21 Datasheet
759Kb / 5P
   ZigBee OEM Module
ZS10 ETC2-ZS10 Datasheet
354Kb / 2P
   ZigBee Serial Adapter, ProBee-ZS10
ZU-10 ETC2-ZU-10 Datasheet
331Kb / 2P
   ZigBee USB Adapter, ProBee-ZU10
PICASO-OGM ETC-PICASO-OGM Datasheet
2Mb / 22P
   OEM Graphics Module
logo
Murata Manufacturing Co...
WIT910SDK MURATA-WIT910SDK Datasheet
145Kb / 1P
   OEM Module Developer
logo
List of Unclassifed Man...
ZE20S ETC-ZE20S Datasheet
509Kb / 2P
   Zigbe oem module
BT-21 ETC2-BT-21 Datasheet
341Kb / 12P
   Bluetooth OEM Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com