Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC122S021CIMM Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC122S021CIMM
Description  ADC122S021 2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S021CIMM Datasheet(HTML) 2 Page - Texas Instruments

  ADC122S021CIMM Datasheet HTML 1Page - Texas Instruments ADC122S021CIMM Datasheet HTML 2Page - Texas Instruments ADC122S021CIMM Datasheet HTML 3Page - Texas Instruments ADC122S021CIMM Datasheet HTML 4Page - Texas Instruments ADC122S021CIMM Datasheet HTML 5Page - Texas Instruments ADC122S021CIMM Datasheet HTML 6Page - Texas Instruments ADC122S021CIMM Datasheet HTML 7Page - Texas Instruments ADC122S021CIMM Datasheet HTML 8Page - Texas Instruments ADC122S021CIMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
IN1
IN2
MUX
T/H
SCLK
VA
GND
CS
DIN
DOUT
CONTROL
LOGIC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
GND
ADC122S021
SNAS280D – MARCH 2005 – REVISED MARCH 2013
www.ti.com
Block Diagram
PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS
Pin No.
Symbol
Description
ANALOG I/O
5,4
IN1 and IN2
Analog inputs. These signals can range from 0V to VA.
DIGITAL I/O
8
SCLK
Digital clock input. This clock directly controls the conversion and readout processes.
Digital data output. The output samples are clocked out of this pin on falling edges of the
7
DOUT
SCLK pin.
Digital data input. The ADC122S021's Control Register is loaded through this pin on rising
6
DIN
edges of the SCLK pin.
Chip select. On the falling edge of CS, a conversion process begins. Conversions continue
1
CS
as long as CS is held low.
POWER SUPPLY
Positive supply pin. This pin should be connected to a quiet +2.7V to +5.25V source and
2
VA
bypassed to GND with a 1 µF capacitor and a 0.1 µF monolithic capacitor located within 1
cm of the power pin.
3
GND
The ground return for the die.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC122S021


Similar Part No. - ADC122S021CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC122S021CIMM NSC-ADC122S021CIMM Datasheet
905Kb / 19P
   2 Channel, 200 KSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S021CIMM/NOPB TI1-ADC122S021CIMM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC122S021CIMMX NSC-ADC122S021CIMMX Datasheet
905Kb / 19P
   2 Channel, 200 KSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S021CIMMX/NOPB TI1-ADC122S021CIMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results

Similar Description - ADC122S021CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S021 4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC102S021 TI1-ADC102S021_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com