Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH10N100D Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH10N100D
Description  N-Channel, Depletion Mode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH10N100D Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH10N100D Datasheet HTML 1Page - IXYS Corporation IXTH10N100D Datasheet HTML 2Page - IXYS Corporation IXTH10N100D Datasheet HTML 3Page - IXYS Corporation IXTH10N100D Datasheet HTML 4Page - IXYS Corporation IXTH10N100D Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2012 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSX
T
J
= 25
°C to 150°C
1000
V
V
DGX
T
J
= 25
°C to 150°C, R
GS = 1MΩ
1000
V
V
GSX
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C10
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
20
A
P
D
T
C = 25°C
400
W
T
J
- 55 ... +150
°C
T
JM
150
°C
T
stg
- 55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque (TO-247)
1.13 / 10
Nm/lb.in.
Weight
TO-268
4.0
g
TO-247
6.0
g
DS99529B(12/12)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSX
V
GS = -10V, ID = 250μA
1000
V
V
GS(off)
V
DS = 25V, ID = 250μA
-1.5
- 3.5
V
I
GSX
V
GS = ±30V, VDS = 0V
±100 nA
I
DSX(off)
V
DS = VDSX, VGS = -10V
25
μA
T
J = 125°C
500
μA
R
DS(on)
V
GS = 10V, ID = 10A, Note 1
1.4
Ω
I
D(on)
V
GS = 0V, VDS = 25V, Note 1
10
A
High Voltage
MOSFETs
N-Channel, Depletion Mode
IXTH10N100D
IXTT10N100D
V
DSX
=
1000V
I
D25
=
10A
R
DS(on)
≤≤≤≤
1.4
Ω
Ω
Ω
Ω
Ω
Features
• Normally ON Mode
• International Standard Packages
• Molding Epoxies meet UL94V-0
Flammability Classification
Advantages
• Easy to Mount
• Space Savings
• High Power Density
Applications
• Level Shifting
• Triggers
• Solid State Relays
• Current Regulators
• Active Load
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXTH)
G
S
D (Tab)
D
TO-268 (IXTT)
S
G
D (Tab)


Similar Part No. - IXTH10N100D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH10N100D2 IXYS-IXTH10N100D2 Datasheet
165Kb / 5P
   Depletion Mode MOSFET
More results

Similar Description - IXTH10N100D

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN3525 SUTEX-DN3525_13 Datasheet
651Kb / 5P
   N-Channel Depletion-Mode
logo
IXYS Corporation
CPC3980 IXYS-CPC3980 Datasheet
118Kb / 5P
   N-Channel Depletion-Mode
CPC3982 IXYS-CPC3982 Datasheet
122Kb / 5P
   N-Channel Depletion-Mode
logo
Supertex, Inc
LND150 SUTEX-LND150 Datasheet
88Kb / 4P
   N-Channel Depletion-Mode MOSFET
logo
Clare, Inc.
CPC5602 CLARE-CPC5602_12 Datasheet
111Kb / 5P
   N-Channel Depletion Mode FET
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
   N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
   N Channel Depletion Mode FET
logo
Supertex, Inc
LND250 SUTEX-LND250 Datasheet
69Kb / 2P
   N-Channel Depletion-Mode MOSFET
logo
IXYS Corporation
CPC5602 IXYS-CPC5602 Datasheet
112Kb / 5P
   N-Channel Depletion Mode FET
logo
Clare, Inc.
CPC5602 CLARE-CPC5602 Datasheet
85Kb / 3P
   N Channel Depletion Mode FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com