Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH48N20 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH48N20
Description  N-Channel Enhancement Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH48N20 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH48N20 Datasheet HTML 1Page - IXYS Corporation IXTH48N20 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2003 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
200
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
200
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C48
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
192
A
I
AR
48
A
E
AR
T
C
= 25
°C30
mJ
E
AS
T
C
= 25
°C
1.0
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
275
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.13/10 Nm/lb.in.
Weight
6g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
TO-247 AD
N-Channel Enhancement Mode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 250 µA
200
V
V
GS(th)
V
DS
= V
GS, ID = 250 µA
2.0
4.0
V
I
GSS
V
GS
=
±20 V DC, V
DS = 0
±100
nA
I
DSS
V
DS
= V
DSS
25
µA
V
GS
= 0 V
T
J = 125°C
250
µA
R
DS(on)
V
GS
= 10 V, I
D = 15 A
50 m
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
G = Gate,
D = Drain,
S = Source,
TAB = Drain
Features
International standard package
JEDEC TO-247 AD
Low R
DS (on) HDMOS
TM
process
Rugged polysilicon gate cell structure
High commutating dv/dt rating
Fast switching times
Applications
Switch-mode and resonant-mode
power supplies
Motor controls
Uninterruptible Power Supplies (UPS)
DC choppers
Advantages
Easy to mount with 1 screw
(isolated mounting screw hole)
Space savings
High power density
D (TAB)
DS99021A(04/03)
Standard
Power MOSFET
IXTH 48N20
V
DSS
=
200 V
I
D (cont)
=
48 A
R
DS(on) =
50 m
Advance Technical Information


Similar Part No. - IXTH48N20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH48N20 ISC-IXTH48N20 Datasheet
381Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH48N20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com