Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C512A Datasheet(PDF) 9 Page - Marktech Corporate

Part # C512A
Description  5mm Round LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C512A Datasheet(HTML) 9 Page - Marktech Corporate

Back Button C512A Datasheet HTML 2Page - Marktech Corporate C512A Datasheet HTML 3Page - Marktech Corporate C512A Datasheet HTML 4Page - Marktech Corporate C512A Datasheet HTML 5Page - Marktech Corporate C512A Datasheet HTML 6Page - Marktech Corporate C512A Datasheet HTML 7Page - Marktech Corporate C512A Datasheet HTML 8Page - Marktech Corporate C512A Datasheet HTML 9Page - Marktech Corporate C512A Datasheet HTML 10Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
9
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
9
Cree 5-mm Round LED
C512A-WNS/WNN
KIT NUMBER SYSTEM
All dimensions in mm.Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color,
forward voltage, and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to
the “Cree LED Lamp Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following man-
ner:


Similar Part No. - C512A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C512A-WNN CREE-C512A-WNN Datasheet
929Kb / 13P
   Cree 5-mm Round LED
C512A-WNN-CA0C0151 CREE-C512A-WNN-CA0C0151 Datasheet
929Kb / 13P
   Cree 5-mm Round LED
C512A-WNN-CA0C0152 CREE-C512A-WNN-CA0C0152 Datasheet
929Kb / 13P
   Cree 5-mm Round LED
C512A-WNN-CZ0B0151 CREE-C512A-WNN-CZ0B0151 Datasheet
979Kb / 10P
   Cree 5mm Round LED
C512A-WNN-CZ0B0151 CREE-C512A-WNN-CZ0B0151 Datasheet
929Kb / 13P
   Cree 5-mm Round LED
More results

Similar Description - C512A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C535A-WJN CREE-C535A-WJN Datasheet
339Kb / 7P
   5mm Round LED
C535A-WJN-877 CREE-C535A-WJN-877 Datasheet
849Kb / 13P
   5mm Round LED
logo
Marktech Corporate
C503B_WAN MARKTECH-C503B_WAN Datasheet
1Mb / 10P
   5mm Round LED
C503B_WAN MARKTECH-C503B_WAN_15 Datasheet
1Mb / 10P
   5mm Round LED
C535A MARKTECH-C535A_15 Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C503D-WAN CREE-C503D-WAN Datasheet
701Kb / 9P
   5mm Round LED
logo
Marktech Corporate
C535A MARKTECH-C535A Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C512T-WNS CREE-C512T-WNS_11 Datasheet
928Kb / 9P
   5mm Round LED
logo
Marktech Corporate
C512A MARKTECH-C512A_15 Datasheet
979Kb / 10P
   5mm Round LED
logo
List of Unclassifed Man...
QBL8IW35D ETC1-QBL8IW35D Datasheet
570Kb / 8P
   5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com