Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP41B-WES Datasheet(PDF) 2 Page - Marktech Corporate

Part # CP41B-WES
Description  P4 LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CP41B-WES Datasheet(HTML) 2 Page - Marktech Corporate

  CP41B-WES Datasheet HTML 1Page - Marktech Corporate CP41B-WES Datasheet HTML 2Page - Marktech Corporate CP41B-WES Datasheet HTML 3Page - Marktech Corporate CP41B-WES Datasheet HTML 4Page - Marktech Corporate CP41B-WES Datasheet HTML 5Page - Marktech Corporate CP41B-WES Datasheet HTML 6Page - Marktech Corporate CP41B-WES Datasheet HTML 7Page - Marktech Corporate CP41B-WES Datasheet HTML 8Page - Marktech Corporate CP41B-WES Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
CLD-CT1092.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
CP41B-WES/WGS
Forward Current
I
F
35
mA
Peak Forward Current Note
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
154
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 3 sec. max.
(3 mm from the base of the epoxy bulb)
Note: Pulse width ≤0.1 msec, duty ≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
CP41B-WES/WGS
V
F
I
F = 30 mA
V
3.6
4.4
Reverse Current
CP41B-WES/WGS
I
R
V
R = 5 V
μA
100
Luminous Flux
CP41B-WES/WGS
Φ
v
I
F = 30 mA
mlm
3850
7000
Luminous Intensity
CP41B-WES
I
V
I
F = 30 mA
mcd
5200
CP41B-WGS
I
V
I
F = 30 mA
mcd
3000
Chromaticity
Coordinates
CP41B-WES/WGS
x
I
F = 30 mA
0.2895
CP41B-WES/WGS
y
I
F = 30 mA
0.2905
50% Power Angle
CP41B-WES
2θ½
I
F = 30 mA
deg
60
CP41B-WGS
2θ½
I
F = 30 mA
deg
90


Similar Part No. - CP41B-WES

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP41B-WES CREE-CP41B-WES Datasheet
469Kb / 7P
   P4 LED
CP41B-WES CREE-CP41B-WES Datasheet
651Kb / 9P
   P4 LED
logo
Marktech Corporate
CP41B-WES MARKTECH-CP41B-WES Datasheet
651Kb / 9P
   Cree짰 P4 LED
logo
Cree, Inc
CP41B-WES-CK0P0154 CREE-CP41B-WES-CK0P0154 Datasheet
651Kb / 9P
   P4 LED
logo
Marktech Corporate
CP41B-WES-CK0P0154 MARKTECH-CP41B-WES-CK0P0154 Datasheet
651Kb / 9P
   Cree짰 P4 LED
More results

Similar Description - CP41B-WES

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-A0G CREE-LP377THR1-A0G Datasheet
336Kb / 5P
   P4 LED
LP379PBG1-C0G-03 CREE-LP379PBG1-C0G-03 Datasheet
324Kb / 5P
   P4 LED
LP476PBL1-90G-03 CREE-LP476PBL1-90G-03 Datasheet
318Kb / 5P
   P4 LED
LP476PPG1-90G-03 CREE-LP476PPG1-90G-03 Datasheet
335Kb / 5P
   P4 LED
LP476PWN1-90G CREE-LP476PWN1-90G Datasheet
362Kb / 6P
   P4 LED
CP41B-WES CREE-CP41B-WES_2 Datasheet
651Kb / 9P
   P4 LED
LP377PBG1-60G-03 CREE-LP377PBG1-60G-03 Datasheet
335Kb / 5P
   P4 LED
LP377PBL1-60G-03 CREE-LP377PBL1-60G-03 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-40G CREE-LP377THR1-40G Datasheet
336Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com