Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS325SN2T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS325SN2T1G
Description  Zero-Drift Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS325SN2T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCS325SN2T1G Datasheet HTML 1Page - ON Semiconductor NCS325SN2T1G Datasheet HTML 2Page - ON Semiconductor NCS325SN2T1G Datasheet HTML 3Page - ON Semiconductor NCS325SN2T1G Datasheet HTML 4Page - ON Semiconductor NCS325SN2T1G Datasheet HTML 5Page - ON Semiconductor NCS325SN2T1G Datasheet HTML 6Page - ON Semiconductor NCS325SN2T1G Datasheet HTML 7Page - ON Semiconductor NCS325SN2T1G Datasheet HTML 8Page - ON Semiconductor NCS325SN2T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2014
June, 2014 − Rev. 1
1
Publication Order Number:
NCS325/D
NCS325
50 mV Offset, 0.25 mV/5C,
35 mA, Zero-Drift
Operational Amplifier
The NCS325 is a CMOS operational amplifier providing precision
performance. The Zero−Drift architecture allows for continuous
auto−calibration, which provides very low offset, near−zero drift over
time and temperature, and near flat 1/f noise at only 35
mA (max)
quiescent current. These benefits make it ideal for precision DC
applications. The NCS325 provides rail−to−rail input and output
performance and is optimized for low voltage operation as low as
1.8 V and up to 5.5 V. The NCS325 is available in the space−saving
SOT23−5 package.
Features
Low Offset Voltage: 14 mV typ, 50 mV max at 25°C
Zero Drift: 0.25 mV/°C max
Low Noise: 1 mVpp, 0.1 Hz to 10 Hz
Quiescent Current: 21 mA typ, 35 mA max at 25°C
Supply Voltage: 1.8 V to 5.5 V
Rail−to−Rail Input and Output
Internal EMI Filtering
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Battery Powered Instruments
Temperature Measurements
Transducer Applications
Electronic Scales
Medical Instrumentation
Current Sensing
TSOP−5
(SOT23−5)
SN SUFFIX
CASE 483
MARKING
DIAGRAM
5
4
(Top View)
PIN CONNECTIONS
http://onsemi.com
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
5
32A AYW
G
G
1
5
Device
Package
Shipping
ORDERING INFORMATION
NCS325SN2T1G
TSOP−5
(Pb−Free)
3000 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
OUT
VSS
IN+
VDD
IN−
2
1
3


Similar Part No. - NCS325SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS325SN2T1G ONSEMI-NCS325SN2T1G Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS325SN2T1G ONSEMI-NCS325SN2T1G Datasheet
763Kb / 15P
   Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
More results

Similar Description - NCS325SN2T1G

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_17 Datasheet
763Kb / 15P
   Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
logo
Linear Technology
LTC2051 LINER-LTC2051 Datasheet
117Kb / 4P
   Dual Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151_15 Datasheet
191Kb / 12P
   Dual 15V Zero-Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com