Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS20074 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCS20074
Description  Rail-to-Rail Output, BW Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS20074 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCS20074 Datasheet HTML 7Page - ON Semiconductor NCS20074 Datasheet HTML 8Page - ON Semiconductor NCS20074 Datasheet HTML 9Page - ON Semiconductor NCS20074 Datasheet HTML 10Page - ON Semiconductor NCS20074 Datasheet HTML 11Page - ON Semiconductor NCS20074 Datasheet HTML 12Page - ON Semiconductor NCS20074 Datasheet HTML 13Page - ON Semiconductor NCS20074 Datasheet HTML 14Page - ON Semiconductor NCS20074 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
NCS20071, NCS20072, NCS20074
http://onsemi.com
11
ELECTRICAL CHARACTERISTICS AT VS = 36 V
TA = 25°C; RL ≥ 10 kW; VCM = VOUT = mid−supply unless otherwise noted. All limits are guaranteed by testing or statistical analysis.
Boldface limits apply over the specified temperature range, TA = −40°C to 125°C. (Notes 12, 13)
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
SUPPLY CHARACTERISTICS
Power Supply Rejection Ratio
PSRR
No Load
114
135
dB
100
Power Supply Quiescent Current
IDD
Per channel, no load
465
600
mA
700
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
12. Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area.
13. Performance guaranteed over the indicated operating temperature range by design and/or characterization.


Similar Part No. - NCS20074

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20074 ONSEMI-NCS20074 Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
NCS20074DR2G ONSEMI-NCS20074DR2G Datasheet
963Kb / 23P
   Operational Amplifier, Railto- Rail Output
May, 2016 ??Rev. 11
NCS20074DR2G ONSEMI-NCS20074DR2G Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
NCS20074DTBR2G ONSEMI-NCS20074DTBR2G Datasheet
963Kb / 23P
   Operational Amplifier, Railto- Rail Output
May, 2016 ??Rev. 11
NCS20074DTBR2G ONSEMI-NCS20074DTBR2G Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
More results

Similar Description - NCS20074

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TLV271 ONSEMI-TLV271 Datasheet
1Mb / 26P
   Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
July, 2020 - Rev. 7
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
ON Semiconductor
TLV271SN2T1G ONSEMI-TLV271SN2T1G Datasheet
968Kb / 12P
   Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
April, 2013 ??Rev. 3
TLV271SN1T1G ONSEMI-TLV271SN1T1G Datasheet
972Kb / 12P
   Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
September, 2013 ??Rev. 4
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
ON Semiconductor
NCS20071 ONSEMI-NCS20071_V01 Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com