Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR745 Datasheet(PDF) 2 Page - General Semiconductor

Part # MBR745
Description  SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MBR745 Datasheet(HTML) 2 Page - General Semiconductor

  MBR745 Datasheet HTML 1Page - General Semiconductor MBR745 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
100
25
50
75
100
125
150
175
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.01
0.1
1
10
50
0.1
1
10
100
40
100
1,000
4,000
0.01
0.1
1
10
100
0.1
1
10
100
0
50
100
150
0
2
4
6
8
10
0
20
40
60
80
100
0.001
0.01
0.1
1
10
50
FIG. 1 - FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=75°C
TJ=25°C
TJ=25°C
TJ=125°C
PULSE WIDTH = 300
µs
TJ=25°C
f=1.0 MHz
Vsig=50mVp-p
RESISTIVE OR INDUCTIVE LOAD
TJ=125°C
MBR735 - MBR745
MBR750 & MBR760
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
t, PULSE DURATION, sec.
MBR735 - MBR745
MBR750 & MBR760
MBR735 - MBR745
MBR750 & MBR760
RATINGS AND CHARACTERISTIC CURVES MBR735 THRU MBR760
MBR735 - MBR745
MBR750 & MBR760


Similar Part No. - MBR745

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MBR745 ZSELEC-MBR745 Datasheet
186Kb / 2P
   7 .0 A SCHOTTKY BARRIER DIODE
logo
Fairchild Semiconductor
MBR745 FAIRCHILD-MBR745 Datasheet
35Kb / 3P
   7.5 Ampere Schottky Barrier Rectifiers
logo
ON Semiconductor
MBR745 ONSEMI-MBR745 Datasheet
121Kb / 5P
   SWITCHMODE??Power Rectifiers
March, 2009 ??Rev. 8
logo
Nell Semiconductor Co.,...
MBR745 NELLSEMI-MBR745 Datasheet
245Kb / 5P
   Schottky Rectifier, 7.5 A
logo
Vishay Siliconix
MBR745 VISHAY-MBR745 Datasheet
127Kb / 5P
   Schottky Barrier Rectifier
01-Jan-2022
More results

Similar Description - MBR745

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com