Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS5C646NL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTMFS5C646NL
Description  Power MOSFET 60 V, 89 A, Single N?묬hannel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS5C646NL Datasheet(HTML) 3 Page - ON Semiconductor

  NTMFS5C646NL Datasheet HTML 1Page - ON Semiconductor NTMFS5C646NL Datasheet HTML 2Page - ON Semiconductor NTMFS5C646NL Datasheet HTML 3Page - ON Semiconductor NTMFS5C646NL Datasheet HTML 4Page - ON Semiconductor NTMFS5C646NL Datasheet HTML 5Page - ON Semiconductor NTMFS5C646NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTMFS5C646NL
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
3.0
2.5
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100
120
140
4.0
3.0
2.5
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100
120
140
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE VOLTAGE (V)
ID, DRAIN CURRENT (A)
10
9
8
7
6
5
4
3
0.003
0.004
0.005
0.006
0.007
0.008
130
110
150
90
70
50
30
10
0.003
0.004
0.005
0.006
0.007
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
150
125
100
75
25
0
−25
−50
0.7
0.9
1.1
1.3
1.5
1.7
1.9
55
45
35
25
15
5
10
100
1000
10,000
100,000
2.8 V
3.0 V
3.2 V
3.4 V
3.6 V
10 V to
4.5 V
3.8 V
3.5
TJ = 125°C
TJ = 25°C
TJ = −55°C
TJ = 25°C
ID = 50 A
TJ = 25°C
VGS = 4.5 V
VGS = 10 V
VGS = 10 V
ID = 40 A
50
TJ = 125°C
TJ = 85°C


Similar Part No. - NTMFS5C646NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS5C646NL ONSEMI-NTMFS5C646NL Datasheet
81Kb / 6P
   Power MOSFET
June, 2016 ??Rev. 4
NTMFS5C646NLT1G ONSEMI-NTMFS5C646NLT1G Datasheet
81Kb / 6P
   Power MOSFET
June, 2016 ??Rev. 4
NTMFS5C646NLT3G ONSEMI-NTMFS5C646NLT3G Datasheet
81Kb / 6P
   Power MOSFET
June, 2016 ??Rev. 4
NTMFS5C646NL ONSEMI-NTMFS5C646NL_16 Datasheet
81Kb / 6P
   Power MOSFET
June, 2016 ??Rev. 4
More results

Similar Description - NTMFS5C646NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS5C604NL ONSEMI-NTMFS5C604NL Datasheet
81Kb / 6P
   Power MOSFET 60 V, 276 A, Single N?묬hannel
June, 2014 ??Rev. 0
NTMFS5C612NL ONSEMI-NTMFS5C612NL Datasheet
82Kb / 6P
   Power MOSFET 60 V, 226 A, Single N?묬hannel
June, 2014 ??Rev. 0
NVMFS6D1N08H ONSEMI-NVMFS6D1N08H Datasheet
145Kb / 8P
   Power MOSFET 80 V, 5.5 m, 89 A, Single N?묬hannel
August, 2018 ??Rev. 0
NVB60N06T4G ONSEMI-NVB60N06T4G Datasheet
165Kb / 9P
   Power MOSFET 60 V, 60 A, N?묬hannel D2PAK
October, 2011 ??Rev. 0
NVTYS005N06CL ONSEMI-NVTYS005N06CL Datasheet
262Kb / 6P
   MOSFET - Power, Single N-Channel 60 V, 5.3 m, 89 A
September, 2021-Rev. 2
NVMFS5C612N ONSEMI-NVMFS5C612N Datasheet
151Kb / 6P
   Power MOSFET 60 V, 1.65 m, 225 A, Single N?묬hannel
April, 2019 ??Rev. 0
NTMTS001N06CL ONSEMI-NTMTS001N06CL Datasheet
364Kb / 7P
   Power MOSFET 60 V, 0.81 m, 398.2 A, Single N?묬hannel
January, 2019 ??Rev. 1
NTD5C668NL ONSEMI-NTD5C668NL Datasheet
180Kb / 7P
   Power MOSFET 60 V, 8.9 m, 48 A, Single N?묬hannel
May, 2018 ??Rev. 1
NTD5C688NL ONSEMI-NTD5C688NL Datasheet
180Kb / 7P
   Power MOSFET 60 V, 27.4 m, 17 A, Single N?묬hannel
May, 2018 ??Rev. 2
NTMTS001N06C ONSEMI-NTMTS001N06C Datasheet
311Kb / 8P
   Power MOSFET 60 V, 0.91 m, 376 A, Single N?묬hannel
February, 2019-Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com