Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB16R-2295SW Datasheet(PDF) 11 Page - Amphenol Corporation

Part # MB16R-2295SW
Description  MIL-C-26482, Series 2 Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MB16R-2295SW Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button MB16R-2295SW Datasheet HTML 7Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 8Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 9Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 10Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 11Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 12Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 13Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 14Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
10
A
C
B
A
C
B
A
F
E
D
C
B
A
C
B
A
H
G
F
E
D
C
B
A
KJ
H
G
F
E
D
C
B
A
D
C
B
A
E
DC
B
A
J
H
G
F
E
D
C
B
H
A
B
J
G
MK
L
C
F
D
E
A
H
G
F
E
D
C
B
M
L
K
J
R
P
N
A
D
C
B
H
GF
E
M
L
K
JP
N
U
T
SR
A
D
C
B
H
G
F
E
M
L
K
J
T
S
R
P
N
U
V
A
D
C
B
H
G
F
E
A
H
G
F
E
D
C
B
P
N
M
L
K
J
Z
Y
X
W
V
U
T
S
R
A
Z
Y
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
a
b
c
front face of pin insert or rear face of socket insert illustrated
Miniature Cylindrical MIL-C-26482, Series 2
contact arrangements
Insert Arrangement
8-33
8-98
10-06
12-03
12-08
12-10
Service Rating
I
I
I
II
I
I
Number of Contacts
3
3
6
3
8
10
Contact Size
20
20
20
16
20
20
Insert Arrangement
14-04
14-05
14-09
14-12
14-15
Service Rating
I
II
I
I
I
Number of Contacts
4
5
5
4
8
4
14
1
Contact Size
12
16
20
12
20
16
20
16
Insert Arrangement
14-18
14-19
16-08
16-23
16-26
Service Rating
I
I
II
I
I
Number of Contacts
18
19
8
22
1
26
Contact Size
20
20
16
20
16
20
CONTACT LEGEND
20
16
12


Similar Part No. - MB16R-2295SW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MB16 PANJIT-MB16 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MB16 ZSELEC-MB16 Datasheet
108Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
ABC Taiwan Electronics ...
MB1608 ABC-MB1608 Datasheet
219Kb / 6P
   HIGH CURRENT MULTILAYER CHIP BEAD
MB1608300YL ABC-MB1608300YL Datasheet
219Kb / 6P
   HIGH CURRENT MULTILAYER CHIP BEAD
logo
SeCoS Halbleitertechnol...
MB160F-C SECOS-MB160F-C Datasheet
298Kb / 2P
   1Amp Surface Mount Bridge Rectifiers
More results

Similar Description - MB16R-2295SW

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MB16A-1626P AMPHENOL-MB16A-1626P Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
logo
ITT Industries
PV76L16-26P ITT-PV76L16-26P Datasheet
539Kb / 10P
   MIL-C-26482, Series 2 Connectors
logo
Amphenol Corporation
MS3470L12-10P AMPHENOL-MS3470L12-10P Datasheet
1Mb / 20P
   MIL-C-26482 Series 2 Connectors
MS3474W20-41P AMPHENOL-MS3474W20-41P Datasheet
1Mb / 20P
   AMPHENOL MIL-C-26482 SERIES 2 CONNECTORS
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
List of Unclassifed Man...
MIL-C-26482 ETC-MIL-C-26482 Datasheet
104Kb / 1P
   Miniature Cylindrical MIL-C-26482, Series 2
logo
ITT Industries
1634325 ITT-1634325 Datasheet
191Kb / 1P
   MIL-C-26482 Series
logo
Amphenol Corporation
PT00A-20-41PW AMPHENOL-PT00A-20-41PW Datasheet
408Kb / 7P
   Proprietary/MIL-C-26482, Series 1
logo
ITT Industries
KPTB123PS ITT-KPTB123PS Datasheet
491Kb / 4P
   Cannon KPT/KPSE MIL-C-26482 Series I Connectors
logo
Amphenol Corporation
MS3470W8-33P AMPHENOL-MS3470W8-33P Datasheet
336Kb / 13P
   MIL-DTL-26482, Series 2, Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com