Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1203 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS1203
Description  16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1203 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1203_14 Datasheet HTML 2Page - Texas Instruments ADS1203_14 Datasheet HTML 3Page - Texas Instruments ADS1203_14 Datasheet HTML 4Page - Texas Instruments ADS1203_14 Datasheet HTML 5Page - Texas Instruments ADS1203_14 Datasheet HTML 6Page - Texas Instruments ADS1203_14 Datasheet HTML 7Page - Texas Instruments ADS1203_14 Datasheet HTML 8Page - Texas Instruments ADS1203_14 Datasheet HTML 9Page - Texas Instruments ADS1203_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ADS1203
SBAS318C − JUNE 2004 − REVISED JANUARY 2008
www.ti.com
6
PIN ASSIGNMENTS: PW (TSSOP) PACKAGE
PW PACKAGE
TSSOP-8
(TOP VIEW)
1
2
3
4
8
7
6
5
M0
V
IN+
V
IN
M1
V
DD
MCLK
MDAT
GND
ADS1203
Terminal Functions: PW (TSSOP) Package
TERMINAL
NAME
NO.
I/O
DESCRIPTION
M0
1
I
Mode input
VIN+
2
I
Noninverting analog input
VIN
3
I
Inverting analog input
M1
4
I
Mode input
GND
5
Power supply ground
MDAT
6
O
Modulator data output
MCLK
7
I/O
Modulator clock input or output
VDD
8
Power supply: +5V nominal
NOTE: For the TSSOP package, BGND and AGND are internally
connected to the GND pin. Additionally, the AVDD and BVDD
pins are connected to VDD.
PIN ASSIGNMENTS: RGT (QFN) PACKAGE
RGT PACKAGE(1)
QFN-16
(TOP VIEW)
REFIO
V
IN+
V
IN
NC
BV
DD
MCLK
CLKOUT
MDAT
1
2
3
4
12
11
10
9
ADS1203
(1) The thermal pad is internally connected to the substrate. This pad
can be connected to the analog ground or left floating. Keep the
thermal pad separate from the digital ground, if possible.
Terminal Functions: RGT (QFN) Package
TERMINAL
NAME
NO.
I/O
DESCRIPTION
REFIO
1
I/O
Reference voltage input/output
VIN+
2
I
Noninverting analog input
VIN
3
I
Inverting analog input
NC
4, 6, 14, 15
I
Not connected
M1
5
I
Mode input
AGND
7
Analog power-supply ground
BGND
8
Interface power-supply ground
MDAT
9
O
Modulator data output
CLKOUT
10
O
Modulator clock output (Mode 3 only)
MCLK
11
I/O
Modulator clock input or output
BVDD
12
Interface power supply
AVDD
13
Analog power supply
M0
16
Mode input


Similar Part No. - ADS1203_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1203IPWR BURR-BROWN-ADS1203IPWR Datasheet
276Kb / 24P
   MOTOR CONTROL CURRENT MEASUREMENT
logo
Texas Instruments
ADS1203IPWR TI1-ADS1203IPWR Datasheet
783Kb / 33P
[Old version datasheet]   Motor control, current measurement
ADS1203IPWRG4 TI1-ADS1203IPWRG4 Datasheet
783Kb / 33P
[Old version datasheet]   Motor control, current measurement
logo
Burr-Brown (TI)
ADS1203IPWT BURR-BROWN-ADS1203IPWT Datasheet
276Kb / 24P
   MOTOR CONTROL CURRENT MEASUREMENT
logo
Texas Instruments
ADS1203IPWT TI1-ADS1203IPWT Datasheet
783Kb / 33P
[Old version datasheet]   Motor control, current measurement
More results

Similar Description - ADS1203_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
logo
Texas Instruments
DAC39J82 TI1-DAC39J82 Datasheet
2Mb / 144P
[Old version datasheet]   Resolution: 16-Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com