Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1202IPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1202IPWR
Description  Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1202IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1202IPWR Datasheet HTML 3Page - Texas Instruments ADS1202IPWR Datasheet HTML 4Page - Texas Instruments ADS1202IPWR Datasheet HTML 5Page - Texas Instruments ADS1202IPWR Datasheet HTML 6Page - Texas Instruments ADS1202IPWR Datasheet HTML 7Page - Texas Instruments ADS1202IPWR Datasheet HTML 8Page - Texas Instruments ADS1202IPWR Datasheet HTML 9Page - Texas Instruments ADS1202IPWR Datasheet HTML 10Page - Texas Instruments ADS1202IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ADS1202
7
SBAS275B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
VDD = 5V, +In = –250mV to 250mV, –In = 0V, and MCLK = 10MHz, unless otherwise noted.
RMS NOISE vs INPUT VOLTAGE LEVEL
–320
–240
–80
–160
0
240
160
80
320
Differential Input Voltage (mV)
80
70
60
50
40
30
20
10
0
SIGNAL-TO-NOISE RATIO vs TEMPERATURE
–40
–20
20
040
80
60
100
Temperature (
°C)
71.0
70.8
70.6
70.4
70.2
70.0
69.8
69.6
69.4
69.2
69.0
Mode 0
Mode 3
SIGNAL-TO-NOISE + DISTORTION
vs TEMPERATURE
–40
–20
20
040
80
60
100
Temperature (
°C)
71.0
70.6
70.2
69.8
69.4
69.0
Mode 0
Mode 3
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
10
100
1000
10000
Decimation Ratio (OSR)
16
14
12
10
8
6
4
Sinc3 Filter
Sinc2 Filter
SPURIOUS-FREE DYNAMIC RANGE
AND TOTAL HARMONIC DISTORTION
vs TEMPERATURE (Mode 0)
–40
–20
20
040
80
60
100
Temperature (
°C)
SFDR
THD
95
93
91
89
87
85
83
81
79
77
75
–95
–93
–91
–89
–87
–85
–83
–81
–79
–77
–75
0.5Vp-p
5kHz
SPURIOUS-FREE DYNAMIC RANGE
AND TOTAL HARMONIC DISTORTION
vs TEMPERATURE (Mode 3)
–40
–20
20
040
80
60
100
Temperature (
°C)
SFDR
THD
95
93
91
89
87
85
83
81
79
77
75
–95
–93
–91
–89
–87
–85
–83
–81
–79
–77
–75


Similar Part No. - ADS1202IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1202IPWR BURR-BROWN-ADS1202IPWR Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202IPWR TI1-ADS1202IPWR Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWR TI-ADS1202IPWR Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWR TI-ADS1202IPWR Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results

Similar Description - ADS1202IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS574JH TI-ADS574JH Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com