Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1203IPWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1203IPWT
Description  16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1203IPWT Datasheet(HTML) 1 Page - Texas Instruments

  ADS1203IPWT Datasheet HTML 1Page - Texas Instruments ADS1203IPWT Datasheet HTML 2Page - Texas Instruments ADS1203IPWT Datasheet HTML 3Page - Texas Instruments ADS1203IPWT Datasheet HTML 4Page - Texas Instruments ADS1203IPWT Datasheet HTML 5Page - Texas Instruments ADS1203IPWT Datasheet HTML 6Page - Texas Instruments ADS1203IPWT Datasheet HTML 7Page - Texas Instruments ADS1203IPWT Datasheet HTML 8Page - Texas Instruments ADS1203IPWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
SBAS318C − JUNE 2004 − REVISED JANUARY 2008
Motor Control, Current Measurement
1Bit, 10MHz, 2ndOrder, DeltaSigma Modulator
ADS1203
ADS
1 2 0
3
A D S
1 2 0
3
FEATURES
D 16-Bit Resolution
D 14-Bit Linearity
D ±250mV Input Range with Single +5V Supply
D 1% Internal Reference Voltage
D 1% Gain Error
D Flexible Serial Interface with Four Different
Modes
D Implemented Twinned Binary Coding as
Split-Phase or Manchester Coding for
One-Line Interfacing
D Operating Temperature Range:
−40
°C to +125°C
APPLICATIONS
D Motor Control
D Current Measurement
D Industrial Process Control
D Instrumentation
D Smart Transmitters
DESCRIPTION
The ADS1203 is a delta-sigma (
∆Σ) modulator with a
95dB dynamic range, operating from a single +5V
supply. The differential inputs are ideal for direct
connection to transducers or low-level signals. With the
appropriate digital filter and modulator rate, the device
can be used to achieve 16-bit analog-to-digital (A/D)
conversion with no missing codes. An effective
resolution of 14 bits or SNR of 85dB (typical) can be
maintained with a digital filter bandwidth of 40kHz at a
modulator rate of 10MHz. The ADS1203 is designed for
use in medium- to high-resolution measurement
applications including current measurements, smart
transmitters, and industrial process control. The
ADS1203 is available in TSSOP-8 and QFN-16 (3x3)
packages.
V
DD (BVDD)
Second−Order
∆Σ Modulator
Interface
Circuit
Buffer
20MHz
RC Oscillator
2.5V
Reference
Voltage
V
DD (AVDD)
GND (AGND)
NOTE: BOLD pins are available only in QFN package.
GND (BGND)
MDAT
MCLK
CLKOUT
V
IN+
V
IN
REFIO
M0
M1
20k
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004−2008, Texas Instruments Incorporated
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com


Similar Part No. - ADS1203IPWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1203IPWT BURR-BROWN-ADS1203IPWT Datasheet
276Kb / 24P
   MOTOR CONTROL CURRENT MEASUREMENT
logo
Texas Instruments
ADS1203IPWT TI1-ADS1203IPWT Datasheet
783Kb / 33P
[Old version datasheet]   Motor control, current measurement
ADS1203IPWTG4 TI1-ADS1203IPWTG4 Datasheet
783Kb / 33P
[Old version datasheet]   Motor control, current measurement
More results

Similar Description - ADS1203IPWT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
logo
Texas Instruments
DAC39J82 TI1-DAC39J82 Datasheet
2Mb / 144P
[Old version datasheet]   Resolution: 16-Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com