Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD03-02G04S Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TPD03-02G04S
Description  2-4GHz 3-Way Power Divider
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TPD03-02G04S Datasheet(HTML) 1 Page - Transcom, Inc.

  TPD03-02G04S Datasheet HTML 1Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TPD03-02G04S
PRE.1_05/14/2014
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science- Based Industrial Park, Hsin-She Dist., Tainan City, Taiwan..
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 1
2-4GHz 3-Way Power Divider
Electrical specifications:
No.
Parameter
Minimum
Typical
Maximum
Units
1
Frequency range
2
-
4
Ghz
2
Isolation
18
-
-
dB
3
Insertion Loss
-
-
0.6
dB
4
VSWR input
1.35
VSWR output
1.30
5
Phase Unbalance
--
˚
6
Amplitude Unbalance
0.6
dB
7
Forward Power
20
W cw
Reverse Power
2
W cw
8
Operating Temperature Range
-55
-
+85
˚C
9
Impedance
-
50
-
Ω
10
Finish
Gray Paint
Outline Drawing:
All Dimensions in mm;Tolerance: ±0.5
All Connectors: SMA-female
34
13
41
26
10
4.4
4- 2.3
C
1
2
3


Similar Part No. - TPD03-02G04S

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TPD03-02G08S TRANSCOM-TPD03-02G08S Datasheet
86Kb / 1P
   2-8GHz 3-Way Power Divider
More results

Similar Description - TPD03-02G04S

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TPD02-01G04S TRANSCOM-TPD02-01G04S Datasheet
91Kb / 1P
   1-4GHz 2-Way Power Divider
TPD08-02G04S TRANSCOM-TPD08-02G04S Datasheet
80Kb / 1P
   2-4GHz 8-Way Power Divider
TPD03-02G18BS TRANSCOM-TPD03-02G18BS Datasheet
86Kb / 1P
   2-18GHz 3-Way Power Divider
TPD03-02G08S TRANSCOM-TPD03-02G08S Datasheet
86Kb / 1P
   2-8GHz 3-Way Power Divider
logo
M/A-COM Technology Solu...
MAPD-008812-0003HW MA-COM-MAPD-008812-0003HW_15 Datasheet
383Kb / 4P
   3-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
DCK-3-7S SYNERGY-DCK-3-7S Datasheet
403Kb / 3P
   3-WAY POWER DIVIDER
logo
American Accurate Compo...
JXWBGF-T-3-10-500 AAC-JXWBGF-T-3-10-500 Datasheet
59Kb / 1P
   3-Way Power Divider
logo
M/A-COM Technology Solu...
MACPES0045 MA-COM-MACPES0045_15 Datasheet
96Kb / 4P
   2 Way Power Divider
logo
American Accurate Compo...
JXWBGF-T-2-2490-2690 AAC-JXWBGF-T-2-2490-2690 Datasheet
60Kb / 1P
   2-Way Power Divider
JXWBGF-T-2-4000-6000 AAC-JXWBGF-T-2-4000-6000 Datasheet
70Kb / 1P
   2-Way Power Divider
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com