Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

012-540 Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # 012-540
Description  Slim type and small occupying area can offer high density P.C.B. technique
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

012-540 Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  012-540 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
79
JQX-141FF
03001003502
29
12.6
20.6
Slim type and small occupying area can offer high density P.C.B. technique.
Employment of suitable plastic materials to be applied to high temperature and various chemical solution.
Relay covers switching capacity from 10A to 20A.
Switching capacity by 5A available with 2 transfer contact forms.
Ordering Information
JQX-141FF C S 10 DC12V 0.54 3.5
1
2
3
4
5
6
7
1 Part number
JQX-141FF
2 Contact arrangement
1A:1A
2A:2A
1C:1C
2C:2C
3 Enclosure
S: Sealed type
Z: Dust cover
4 Contact current
5A,8A,10A,16A
5 Coil rated voltage(V) DC:3,5,6,9,12,24,48
6 Coil power consumption 0.54:0.54W
0.72:0.72W
7 Pole-distance
3.5:3.5mm
5:5.0mm
1A (SPSTNO) 2A (DPSTNO) 1C (SPDT (B-M)) 2C (DPDT(B-M))
AgCdO
AgSnO
2
Contact Material
1A,1C
1A,1C
2A,2C
16A/250VAC;30VDC
1A:20A/120VAC
Contact Rating
Resistive
10A/250VAC,30VDC
5A/250VAC,30VDC
Inductive
8A/250VAC,30VDC
5A/250VAC,5A/30VDC 2A/250VAC,3A/30VDC
Max. Switching Power
Resistive
480W 4000VA
300W 2500VA
150W 1250VA
Inductive
240W 2000VA
150W 1875VA
90W
500VA
Max. Switching Voltage
125VDC 380VAC
Max. Switching Current:20A
Contact Resistance or Voltage drop
100m
item 4.12 of IEC 61810-7
5
Electrical
10
item 4.30 of IEC 61810-7
7
Mechanical
10
item 4.31 of IEC 61810-7
Operational
life
Coil Parameter
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Dash
numbers
Coil voltage
VDC
Rated
Max.
Coil
resistance
10%
Pickup
voltage
VDC(max)
(80%of rated
voltage )
Release voltage
VDC(min)
(5% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
0.54
20
8
0.72
15
8
003-540
005-540
006-540
009-540
012-540
024-540
048-540
003-720
005-720
006-720
009-720
012-720
024-720
048-720
3
5
6
9
12
24
48
3
5
6
9
12
24
48
3.9
6.5
7.8
11.7
15.6
31.2
62.4
3.9
6.5
7.8
11.7
15.6
31.2
62.4
17
47
68
155
270
1100
4400
12.5
36
50
115
200
820
3300
2.4
4.0
4.8
7.2
9.6
19.2
38.4
2.4
4.0
4.8
7.2
9.6
19.2
38.4
0.15
0.25
0.30
0.45
0.60
1.20
2.40
0.15
0.25
0.30
0.45
0.60
1.20
2.40
R50007462
80
JQX-141FF
Operation condition
Safety approvals
Safety approval
CQC
Load
16A/250VAC
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC 61810-5
Dielectric Strength
Between contacts
Between contact and coil
50Hz 1200V
Item 6 of IEC 61810-5
50Hz 5000V
Item 6 of IEC 61810-5
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~50Hz
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
Relative Humidity
85% (at 40
)
IEC68-2-3 Test Ca
Mass
13g
double amplitude 1.5mm
0.54W:-30~70
; 0.72W:-30~55
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Wiring diagram
(Bottom view)
29max.
5.08
5.08
5.08
20.3
20.3
20
20
7.5
12.6max.
1A
1C
2A
2C
3.5
3.5
3.5 (5.08)
(5.08)
(5.08)
(3.5)
(3.5)
(3.5)
6-0.4
1
2.2
2-0.6
0.6
Mounting (Bottom view)
Dimensions
1A
1C
2A
2C
1C
1A
16A
10A
T V
16A/250VAC,30VDC
5- 1.3
4- 1.3
8- 1.3
6- 1.3
U
Contact Data
E158859
R
C
US
UL&CUR
NO: 16A/250VAC
NC: 12A/250VAC
mm /inch
1.142max.
0.496max.
0.024
0.024
0.016
0.039
0.087
0.295
0.138
0.200
0.138
0.200
0.138
0.200
0.138
0.200
0.138
0.200
0.138
0.200
0.051
0.051
0.799
0.799
0.787
0.787
0.051
0.051
Features
Contact Arrangement
Contact Arrangement
R50079107
2A,2C:5A/250VAC,30VDC
Ningbo Huaguan Electronics Corporation LTD
.


Similar Part No. - 012-540

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
012-540 HUAXINAN-012-540 Datasheet
97Kb / 1P
   Slim type and small occupying area can offer high density P.C.B. technique
012-540 HUAXINAN-012-540 Datasheet
97Kb / 1P
   Slim type and small occupying area can offer high density P.C.B. technique
More results

Similar Description - 012-540

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
N68FC HUAXINAN-N68FC Datasheet
487Kb / 1P
   Slim type and small occupying area can offer high density P.C.B. technique
N68FA HUAXINAN-N68FA Datasheet
487Kb / 1P
   Slim type and small occupying area can offer high density P.C.B. technique.
JQX-141FF1A HUAXINAN-JQX-141FF1A Datasheet
97Kb / 1P
   Slim type and small occupying area can offer high density P.C.B. technique
JQX-141FF2A HUAXINAN-JQX-141FF2A Datasheet
97Kb / 1P
   Slim type and small occupying area can offer high density P.C.B. technique
JQX-141FF2C HUAXINAN-JQX-141FF2C Datasheet
97Kb / 1P
   Slim type and small occupying area can offer high density P.C.B. technique
logo
SUYIN USA, INC.
070912FR SUYIN-USA-070912FR Datasheet
158Kb / 1P
   SLIM TYPE D-SUB HIGH DENSITY RIGHT ANGLE DIP TYPE
070907FS SUYIN-USA-070907FS Datasheet
131Kb / 1P
   ULTRA THIN D-SUB STRAIGHT P.C.B MOUNT (HIGH DENSITY FEMALE TYPE)
070211MR SUYIN-USA-070211MR Datasheet
138Kb / 1P
   SLIM D-SUB RIGHT ANGLE P.C.B. MOUNT
070212FR SUYIN-USA-070212FR Datasheet
146Kb / 1P
   SLIM D-SUB RIGHT ANGLE P.C.B. MOUNT
070213FR SUYIN-USA-070213FR Datasheet
136Kb / 1P
   SLIM D-SUB RIGHT ANGLE P.C.B. MOUNT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com