Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

012AC-2500 Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # 012AC-2500
Description  Small size, light weight, heavy reverse power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

012AC-2500 Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  012AC-2500 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 012AC-2500 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28
21.5
35.5
3C:28
31.5
36
4C:28
41.5
36
Small size, light weight, heavy reverse power.
Optional mounting ways.
Firm structure, strong anti-shock & anti vibration.
Suitable for automatic control, telecommunication equipment, household electrical appliances and machinery electrical
facilities.
Ordering Information
JQX-13F 2C
a DC12V 1 L
1
2
3
4
5
6
1 Part number
JQX-13F
2 Contact arrangement
1A:1A
2A:2A
3A:3A; 1B:1B
2B:2B
3B:3B
1C:1C
2C:2C
3C:3C
4A:4A
4B:4B
4C:4C
3 Terminal
a:inserting type
b:PCB type
4 Coil rated voltage(V)
AC:6,12,24,36,48,110,120,220,240
DC:6,12,24,36,48,110,220
5 Cover
1:1Mode
2:2 Mode
6 Coil transient suppression
L:with LED
D:with diode;
LD:with LED & diode
NIL:standard
Dash
numbers
Coil voltage
V
Coil
resistance
10%
Pick up
voltage
V(max)
80%of rated
voltage
Release
voltage
V(min)
10%of rated
voltage
Coil
power
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Coil Parameter
DC
JQX-13F
Contact Data
Contact Material
AgCdO
AgSnO
2
Contact Arrangement
Contact Rating
006-900
6
6.6
40
4.8
0.6
012-900
12
13.2
160
9.6
1.2
024-900
24
26.4
640/650
19.2
2.4
036-900
36
39.6
1440
28.8
3.6
048-900
48
52.8
2600
38.4
4.8
110-900
110
121
11000
88.0
11.0
220-900
220
242
53778
176
22.0
012-1400
12
13.2
107
9.6
1.2
024-1400
24
26.4
410
19.2
2.4
036-1400
36
39.6
926
28.8
3.6
048-1400
48
52.8
1700
38.4
4.8
110-1400
110
121
8500
88.0
11.0
220-1400
220
242
34571
176
22.0
012-1500
12
13.2
100
9.6
1.2
024-1500
24
26.4
350
19.2
2.4
036-1500
36
39.6
865
28.8
3.6
048-1500
48
52.8
1600
38.4
4.8
110-1500
110
121
6900
88.0
11.0
220-1500
220
242
32267
176
22.0
0.9
25
25
1.4
25
25
1.5
25
25
Max. Switching Voltage
30VDC 300VAC
5
Electrical
10
Item 4.30 of IEC 61810-7
7
Mechanical
2
10
I tem 4 .31 of IEC 61810-7
50m
Item 4.12 of IEC 61810-7
03001003500
E169380
R50126378
Features
73
Dash
numbers
Coil voltage
V
Coil
resistance
10%
Pick up
voltage
V(max)
80%of rated
voltage
Release
voltage
V(min)
30%of rated
voltage
Coil
power
VA
Rated
Max.
Coil Parameter
AC
006AC-1200
6
6.6
11.5
183.0
4.8
1.8
012AC-1200
12
13.2
46
91.0
9.6
3.6
024AC-1200
24
26.4
184
46.0
19.2
7.2
036AC-1200
36
39.6
320
33.0
28.8
10.8
048AC-1200
48
52.8
735
24.0
38.4
14.4
110AC-1200
110
121
3900
11.0
88.0
33.0
120AC-1200
120
132
4550
9.8
96.0
36.0
220AC-1200
220
242
14400
4.2
176
66.0
240AC-1200
240
312
19000
5.5
192
72.0
012AC-2000
12
13.2
24
167
9.6
3.6
024AC-2000
24
26.4
100
83
19.2
7.2
036AC-2000
36
39.6
230
56
28.8
10.8
048AC-2000
48
52.8
410
42
38.4
14.4
2.0
110AC-2000
110
121
2300
18
88.0
33.0
220AC-2000
220
242
8600
9.1
176
66.0
240AC-2000
240
312
12100
6.2
192
72.0
012AC-2500
12
13.2
20
208
9.6
3.6
024AC-2500
24
26.4
78
104
19.2
7.2
036AC-2500
36
39.6
180
69
28.8
10.8
048AC-2500
48
52.8
350
52.1
38.4
14.4
2.5
110AC-2500
110
121
1600
22.7
88.0
33.0
220AC-2500
220
242
6700
11.4
176
66.0
240AC-2500
240
312
9120
9.8
192
72.0
1.2
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
1)
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC 61810-5
1)
Dielectric Strength
Between contacts
50Hz 1000V
Item 6 of IEC 61810-5
Between contact and coil
50Hz 1500V
Item 6 of IEC 61810-5
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
8N 4N(PC type)
IEC68-2-21 Test Ua2
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~70
; -25~70
(3C,4C)
Relative Humidity
85% (at 30
)
IEC68-2-3Test Ca
Mass
37g(1C,2C);50g(3C);70g(4C)
Note: 1). When testing, coil terminals should be connected , if LED is installed in relay .
Safety approvals
Safety approval
UL&CUR
T V
CQC
Load
10A/277VAC,28VDC
10A/220VAC
Rated
current
mA
Operation condition
74
JQX-13F
C
US
2
1
1A,1B,1C:20A/277VAC,28VDC
HP 125VAC
HP120VAC,240VAC
3
1
2A,2B,2C,3A,3B,3C,4A,4B,4C:
10A/277VAC,12A/250VAC,28VDC
2A,2B,2C:
HP120VAC,240VAC
3
1
Max. Resistance or
Voltage drop
Operation
life
al
1A(1H) (SPSTNO)
2A(2H) (DPSTNO)
1B (1D)(SPSTNC)
2B(2D) (DPSTNC)
1C(1Z) (SPDT(B-M))
2C(2Z) (DPDT(B-M))
3A(3H)(SPSTNO)
3B(3D)SPSTNC)
3C(3Z)(3PDT(B-M))
3A(3H)(SPSTNO)
3B(3D)(SPSTNC)
4C(4Z)(4PDT(B-M))
15A, 20A/277VAC,28VDC
10A/277VAC,12A250VAC,28VDC
1/3 HP 120VAC 240VAC 1/3 HP 120VAC 240VAC 1/3HP 125VAC
1/2 HP 125VAC
DC
0.9W
0.9W
1.4W
1.5W
AC
1.2VA
1.2VA
2VA
2.5VA
Coil
power
Motor load
Max. Switching Power
560W 5540VA
Resistive
Max. Switching Current:20A
Ningbo Huaguan Electronics Corporation LTD.


Similar Part No. - 012AC-2500

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
012AC-2500 HUAXINAN-012AC-2500 Datasheet
993Kb / 2P
   Small size, light weight, heavy reverse power.
012AC-2500 HUAXINAN-012AC-2500 Datasheet
993Kb / 2P
   Small size, light weight, heavy reverse power.
012AC-2500 HUAXINAN-012AC-2500 Datasheet
993Kb / 2P
   Small size, light weight, heavy reverse power
012AC-2500 HUAXINAN-012AC-2500 Datasheet
993Kb / 2P
   Small size, light weight, heavy reverse power
012AC-2500 HUAXINAN-012AC-2500 Datasheet
993Kb / 2P
   Small size, light weight, heavy reverse power
More results

Similar Description - 012AC-2500

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JZX-18FF2B HUAXINAN-JZX-18FF2B Datasheet
1,008Kb / 1P
   Small size, light weight, heavy reverse power.
JZX-18FF3A HUAXINAN-JZX-18FF3A Datasheet
1,008Kb / 1P
   Small size, light weight, heavy reverse power
NT73-2A HUAXINAN-NT73-2A Datasheet
522Kb / 1P
   Small size, light weight, heavy reverse power
JZX-18FF3C HUAXINAN-JZX-18FF3C Datasheet
1,008Kb / 1P
   Small size, light weight, heavy reverse power
JZX-18FF2C HUAXINAN-JZX-18FF2C Datasheet
1,008Kb / 1P
   Small size, light weight, heavy reverse power
JZX-18FF4C HUAXINAN-JZX-18FF4C Datasheet
1,008Kb / 1P
   Small size, light weight, heavy reverse power
JQX-13F3C HUAXINAN-JQX-13F3C Datasheet
993Kb / 2P
   Small size, light weight, heavy reverse power
JZX-18FF2A HUAXINAN-JZX-18FF2A Datasheet
1,008Kb / 1P
   Small size, light weight, heavy reverse power
JZX-18FF3B HUAXINAN-JZX-18FF3B Datasheet
1,008Kb / 1P
   Small size, light weight, heavy reverse power
JQX-13F1A HUAXINAN-JQX-13F1A Datasheet
993Kb / 2P
   Small size, light weight, heavy reverse power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com