Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2907A Datasheet(PDF) 1 Page - General Semiconductor

Part # MMBT2907A
Description  Small Signal Transistor (PNP)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MMBT2907A Datasheet(HTML) 1 Page - General Semiconductor

  MMBT2907A Datasheet HTML 1Page - General Semiconductor MMBT2907A Datasheet HTML 2Page - General Semiconductor MMBT2907A Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2/28/00
Dimensions in inches and (millimeters)
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
1
2
3
Top View
.102 (2.6)
.110 (2.8)
.094 (2.4)
TO-236AB (SOT-23)
MMBT2907A
Small Signal Transistor (PNP)
Features
• PNP Silicon Epitaxial Planar Transistor for
switching and amplifier applications.
• This transistor is also available in the TO-92 case
with the type designation MPS2907A.
Dimensions in inches and (millimeters)
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameters
Symbols
Value
Units
Collector-Emitter Voltage
-VCEO
60
V
Collector-Base Voltage
-VCBO
60
V
Emitter-Base Voltage
-VEBO
5.0
V
Collector Current
-IC
600
mA
Power Dissipation(1)
TA = 25°C
Ptot
225
mW
Derate above 25°C
1.8
mW/°C
Power Dissipation(2)
TA = 25°C
Ptot
300
mW
Derate above 25°C
2.4
mW/°C
Thermal Resistance Junction to Ambient Air
FR-5 Board
R
ΘJA
556
°C/W
Alumina Substrate
417
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
– 55 to +150
°C
Notes:
(1) FR-5 Board = 1.0 x 0.75 x 0.062 in.
(2) Alumina Substrate = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Mechanical Data
Case: SOT-23 Plastic Package
Weight: approx. 0.008g
Marking Code: 2F
Packaging Codes/Options:
E8/10K per 13” reel (8mm tape)
E9/3K per 7” reel (8mm tape)
New
Product
Pin Configuration
1 = Base
2 = Emitter
3 = Collector
0.079 (2.0)
0.037 (0.95)
0.035 (0.9)
0.031 (0.8)
0.037 (0.95)
Mounting Pad Layout


Similar Part No. - MMBT2907A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MMBT2907A STMICROELECTRONICS-MMBT2907A Datasheet
58Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Allied Components Inter...
MMBT2907A ALLIED-MMBT2907A Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Unisonic Technologies
MMBT2907A UTC-MMBT2907A Datasheet
298Kb / 6P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Jiangsu Changjiang Elec...
MMBT2907A JIANGSU-MMBT2907A Datasheet
804Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
First Silicon Co., Ltd
MMBT2907A FS-MMBT2907A Datasheet
421Kb / 5P
   General Purpose Transistor
More results

Similar Description - MMBT2907A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
   PNP small signal transistor
logo
Motorola, Inc
MMBA813S2 MOTOROLA-MMBA813S2 Datasheet
26Kb / 1P
   SMALL-SIGNAL PNP TRANSISTOR
logo
Vaishali Semiconductor
MMBT2907A VAISH-MMBT2907A Datasheet
47Kb / 3P
   Small Signal Transistor (PNP)
MMBT4403 VAISH-MMBT4403 Datasheet
46Kb / 3P
   Small Signal Transistor (PNP)
logo
Vishay Siliconix
2N4126 VISHAY-2N4126 Datasheet
159Kb / 4P
   Small Signal Transistor (PNP)
07-May-02
logo
Transys Electronics
2N3906 TRSYS-2N3906 Datasheet
304Kb / 3P
   PNP SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com