Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1245 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1245
Description  Low-Power, 24-Bit Analog-to-Digital Converter`
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1245 Datasheet(HTML) 2 Page - Texas Instruments

  ADS1245 Datasheet HTML 1Page - Texas Instruments ADS1245 Datasheet HTML 2Page - Texas Instruments ADS1245 Datasheet HTML 3Page - Texas Instruments ADS1245 Datasheet HTML 4Page - Texas Instruments ADS1245 Datasheet HTML 5Page - Texas Instruments ADS1245 Datasheet HTML 6Page - Texas Instruments ADS1245 Datasheet HTML 7Page - Texas Instruments ADS1245 Datasheet HTML 8Page - Texas Instruments ADS1245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ADS1245
SBAS287A − JUNE 2003 − REVISED SEPTEMBER 2003
www.ti.com
2
ORDERING INFORMATION
PRODUCT
PACKAGE−LEAD
PACKAGE
DESIGNATOR(1)
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
ADS1245
MSOP-10
DGS
−40
°C to +85°C
BHI
ADS1245IDGST
Tape and Reel, 250
ADS1245
MSOP-10
DGS
−40
°C to +85°C
BHI
ADS1245IDGSR
Tape and Reel, 2500
(1) For the most current specifications and package information, refer to our web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
ADS1245
UNIT
AVDD to GND
−0.3 to +6
V
DVDD to GND
−0.3 to +3.6
V
Input Current
100, momentary
mA
Input Current
10, continuous
mA
Analog Input Voltage to GND
−0.5 to AVDD + 0.5
V
Analog Input Voltage to GND
−0.3 to DVDD + 0.3
V
Digital Output Voltage to GND
−0.3 to DVDD + 0.3
V
Maximum Junction Temperature
+150
°C
Operating Temperature Range
−40 to +85
°C
Storage Temperature Range
−60 to +150
°C
Lead Temperature (soldering, 10s)
+300
°C
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PIN ASSIGNMENTS
DGS PACKAGE
MSOP
(TOP VIEW)
1
2
3
4
5
10
9
8
7
6
CLK
SCLK
DRDY/DOUT
DVDD
AVDD
GND
VREFP
VREFN
AINN
AINP
ADS1245
Terminal Functions
TERMINAL
NAME
NO.
DESCRIPTION
GND
1
Analog and digital ground
VREFP
2
Positive reference input
VREFN
3
Negative reference input
AINN
4
Negative analog input
AINP
5
Positive analog input
AVDD
6
Analog power supply, 2.5V to 5.25V
DVDD
7
Digital power supply, 1.8V to 3.6V
DRDY/DOUT
8
Dual-purpose output:
Data ready: indicates valid data by going low.
Data output: outputs data, MSB first, on the
first rising edge of SCLK.
SCLK
9
Serial clock input: clocks out data on the
rising edge. Used to initiate calibration and
Sleep mode (see text for more details).
CLK
10
System clock input: typically 2.4576MHz


Similar Part No. - ADS1245

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
ADS1245IDGSR BURR-BROWN-ADS1245IDGSR Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
ADS1245IDGST BURR-BROWN-ADS1245IDGST Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1245

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1244 TI1-ADS1244_14 Datasheet
931Kb / 25P
[Old version datasheet]   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254 TI1-ADS1254_14 Datasheet
719Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com