Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1281 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS1281
Description  High-Resolution Analog-to-Digital Converter
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1281 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1281_14 Datasheet HTML 4Page - Texas Instruments ADS1281_14 Datasheet HTML 5Page - Texas Instruments ADS1281_14 Datasheet HTML 6Page - Texas Instruments ADS1281_14 Datasheet HTML 7Page - Texas Instruments ADS1281_14 Datasheet HTML 8Page - Texas Instruments ADS1281_14 Datasheet HTML 9Page - Texas Instruments ADS1281_14 Datasheet HTML 10Page - Texas Instruments ADS1281_14 Datasheet HTML 11Page - Texas Instruments ADS1281_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
-55
-35
Temperature( C)
°
125
124
123
122
121
120
-15
5
125
45
85
25
65
105
SNR:ShortedInput
THD:V
=31.25Hz, 0.5dBFS
-
IN
-115
-117
-119
-121
-123
-125
0
1
V
(V)
REF
6
5
4
0
2
3
6
5
4
3
-105
-110
-115
-135
-120
Noise:ShortedInput
THD:V
=31.25Hz, 0.5dBFS
-
IN
2
-125
1
-130
1.0
1.5
f
(MHz)
CLK
125
123
121
117
2.0
2.5
4.5
3.5
3.0
4.0
119
-105
-110
-115
-125
-120
SNR:ShortedInput
THD:V
=31.25Hz, 0.5dBFS
-
IN
DataRate=f
/4096
CLK
10
100
Power-SupplyandCommon-ModeFrequency(Hz)
140
120
100
0
1k
10k
1M
100k
80
CMR
AVDD
60
40
40
AVSS
DVDD
-2.5 -2.0
InputLevel(V)
3
2
1
0
-1
-3
-1.5 -1.0
2.5
0
1.0
2.0
-0.5
0.5
1.5
-2
IntegralNonlinearity= 0.5ppm
±
-55
-35
Temperature( C)
°
4
2
1
0
-15
5
125
65
25
85
105
3
45
16
8
4
0
12
INL
Power
ADS1281
SBAS378D – AUGUST 2007 – REVISED JUNE 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +2.5V, AVSS = –2.5V, fCLK = 4.096MHz, VREFP = +2.5V, VREFN = –2.5V, DVDD = +3.3V, and
fDATA = 1000SPS, unless otherwise noted.
SNR AND THD vs TEMPERATURE
NOISE AND THD vs VREF
Figure 7.
Figure 8.
POWER-SUPPLY AND COMMON-MODE REJECTION
SNR AND THD vs fCLK
vs FREQUENCY
Figure 9.
Figure 10.
LINEARITY ERROR vs INPUT LEVEL
INL AND POWER vs TEMPERATURE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1281


Similar Part No. - ADS1281_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1281IPW TI-ADS1281IPW Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281IPWG4 TI-ADS1281IPWG4 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281IPWR TI-ADS1281IPWR Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281IPWRG4 TI-ADS1281IPWRG4 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
More results

Similar Description - ADS1281_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com