Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6209626-01XE Datasheet(PDF) 10 Page - Texas Instruments

Part # V6209626-01XE
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V6209626-01XE Datasheet(HTML) 10 Page - Texas Instruments

Back Button V6209626-01XE Datasheet HTML 6Page - Texas Instruments V6209626-01XE Datasheet HTML 7Page - Texas Instruments V6209626-01XE Datasheet HTML 8Page - Texas Instruments V6209626-01XE Datasheet HTML 9Page - Texas Instruments V6209626-01XE Datasheet HTML 10Page - Texas Instruments V6209626-01XE Datasheet HTML 11Page - Texas Instruments V6209626-01XE Datasheet HTML 12Page - Texas Instruments V6209626-01XE Datasheet HTML 13Page - Texas Instruments V6209626-01XE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
V
REF (V)
16
14
12
10
8
6
4
2
0
0.5
1.5
5.5
2.5
3.5
4.5
DRATE[1:0] = 11
DRATE[1:0] = 10
DRATE[1:0] = 01
DRATE[1:0] = 00
DVDD, AVDD−AVSS (V)
20
18
16
14
12
10
8
6
4
2.5
3.0
5.5
3.5
4.0
4.5
5.0
DRATE[1:0] = 11
from DVDD
from AVDD−AVSS
Temperature (
_C)
20
18
16
14
12
10
8
6
4
−40
−20
0
20
40
60
80
100
DRATE[1:0] = 11
Common−Mode Input Voltage (V)
20
15
10
5
0
5
0
−5
−10
−15
−3
−2
3
−1
0
1
2
OFFSET
CHOP = 1
OFFSET
CHOP = 0
NOISE
Offset (
µV)
200
180
160
140
120
100
80
60
40
20
0
311 units from one production lot.
CHOP = 1
Offset Drift (
µV/_C)
80
60
40
20
0
50 units from two
production lots.
Based on 20
_C intervals
over the range of
−40_C to +105_C.
CHOP = 1
ADS1258-EP
SBAS445D
– MARCH 2009 – REVISED MARCH 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +2.5V, AVSS = –2.5V, DVDD = +3.3V, fCLK = 16MHz (external clock) or fCLK = 15.729MHz (internal
clock), OPA227 buffer between MUX outputs and ADC inputs, VREFP = +2.048V, and VREFN =
–2.048V, unless otherwise
noted.
NOISE vs VREF
NOISE vs SUPPLY VOLTAGE
Figure 10.
Figure 11.
NOISE AND OFFSET vs
NOISE vs TEMPERATURE
COMMON-MODE INPUT VOLTAGE
Figure 12.
Figure 13.
OFFSET HISTOGRAM
OFFSET DRIFT HISTOGRAM
Figure 14.
Figure 15.
10
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP


Similar Part No. - V6209626-01XE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
V6209601-01XE TI1-V6209601-01XE Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - V6209626-01XE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1158 TI1-ADS1158_14 Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158 TI-ADS1158 Datasheet
966Kb / 50P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com