Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1610IPAPRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS1610IPAPRG4
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1610IPAPRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1610IPAPRG4 Datasheet HTML 3Page - Texas Instruments ADS1610IPAPRG4 Datasheet HTML 4Page - Texas Instruments ADS1610IPAPRG4 Datasheet HTML 5Page - Texas Instruments ADS1610IPAPRG4 Datasheet HTML 6Page - Texas Instruments ADS1610IPAPRG4 Datasheet HTML 7Page - Texas Instruments ADS1610IPAPRG4 Datasheet HTML 8Page - Texas Instruments ADS1610IPAPRG4 Datasheet HTML 9Page - Texas Instruments ADS1610IPAPRG4 Datasheet HTML 10Page - Texas Instruments ADS1610IPAPRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
DRDY
SYNC
DOUT[15:0]
t
9
t
10
t
11
CLK
ValidData
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
Figure 3. Reset Timing
Timing Specifications(1)
DESCRIPTION
MIN
TYP MAX
UNIT
t1
CLK period (1/fCLK)
16.667
ns
1/t1 fCLK
1
60
MHz
t2
CLK pulse width, high or low
45%
55%
ns
t3
CLK to DRDY high (propagation delay)
12
ns
t4
DRDY pulse width, high or low
3 t1
ns
t5
Previous data valid (hold time)
0
ns
t6
New data valid (setup time)
5
ns
t7
RD and/or CS inactive (high) to DOUT high impedance
15
ns
t8
RD and/or CS active (low) to DOUT active
15
ns
t9
Delay from SYNC active (low) to all-zero DOUT[15:0]
12
ns
t10
Delay from SYNC inactive (high) to non-zero DOUT[15:0]
21
DRDY
t11
Delay from SYNC inactive (high )to valid DOUT[15:0] (time – 55 DRDY cycles; required for digital
55
DRDY
filter to settle).
(1)
Output load = 10pF|| 500k
Ω.
7
Submit Documentation Feedback


Similar Part No. - ADS1610IPAPRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610IPAPRG4 BURR-BROWN-ADS1610IPAPRG4 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1610IPAPRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726 AD-AD9726_15 Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com