Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1675IPAG Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1675IPAG
Description  4MSPS, 24-Bit Analog-to-Digital Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1675IPAG Datasheet(HTML) 3 Page - Texas Instruments

  ADS1675IPAG Datasheet HTML 1Page - Texas Instruments ADS1675IPAG Datasheet HTML 2Page - Texas Instruments ADS1675IPAG Datasheet HTML 3Page - Texas Instruments ADS1675IPAG Datasheet HTML 4Page - Texas Instruments ADS1675IPAG Datasheet HTML 5Page - Texas Instruments ADS1675IPAG Datasheet HTML 6Page - Texas Instruments ADS1675IPAG Datasheet HTML 7Page - Texas Instruments ADS1675IPAG Datasheet HTML 8Page - Texas Instruments ADS1675IPAG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
ADS1675
www.ti.com
SBAS416D – DECEMBER 2008 – REVISED AUGUST 2010
ELECTRICAL CHARACTERISTICS
All specifications are at TA = –40°C to +85°C, AVDD = 5V, DVDD = 3V, fCLK = 32MHz, VREF = +3V, and RBIAS = 7.5kΩ,
unless otherwise noted.
ADS1675
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale input voltage
VIN = (AINP – AINN)
±VREF
V
Common-mode input voltage
VCM = (AINP + AINN)/2
2.5
V
AC PERFORMANCE
Data rate (fDATA)
See Table 1
kSPS
Inputs shorted together, Low-Latency path,
100
103
fDATA = 4MSPS
Inputs shorted together, Low-Latency path,
Dynamic range
100.5
103.5
dB
fDATA =2MSPS
Inputs shorted together, Low-Latency path,
108
111
fDATA = 125kSPS
fIN = 10kHz, –0.5dBFS,
92
Wide-Bandwidth path, fDATA = 4MSPS
fIN = 10kHz, –0.5dBFS,
Signal-to-noise ratio (SNR)
97
dB
Wide-Bandwidth path, fDATA = 2MSPS
fIN = 1kHz, –0.5dBFS,
107
Wide-Bandwidth path, fDATA = 125kSPS
fIN = 10kHz, –0.5dBFS,
–103
Wide-Bandwidth path, fDATA = 4MSPS
fIN = 10kHz, –0.5dBFS,
Total harmonic distortion (THD)
–103
dB
Wide-Bandwidth path, fDATA = 2MSPS
fIN = 1kHz, –0.5dBFS,
–107
Wide-Bandwidth path, fDATA = 125kSPS
fIN = 1kHz, –0.5dBFS, Wide-Bandwidth path,
120
fDATA = 4MSPS, signal harmonics excluded
Spurious-free dynamic range (SFDR)
dB
fIN = 10kHz, –0.5dBFS, Wide-Bandwidth path,
120
fDATA = 4MSPS, signal harmonics excluded
DC PRECISION
Low-speed mode (DRATE = 000 to 011)
24
Bits
Resolution
High-speed mode (DRATE = 100, 101)
23
Bits
24
Low-speed mode (DRATE = 000 to 011)
Bits
(monotonic)
Differential nonlinearity
23
High-speed mode (DRATE = 100, 101)
Bits
(monotonic)
Integral nonlinearity
3
15
ppm of FSR
Offset error
TA = +25°C
–5
5
mV
Offset error drift
4
mV/°C
Gain error
TA = +25°C
1
%
Gain error drift
4
ppm/°C
Noise
See Noise Performance table (Table 1)
Common-mode rejection
At dc
71
dB
DIGITAL FILTER CHARACTERISTICS (WIDE-BANDWIDTH PATH)
Passband
0
0.424fDATA
Hz
Passband ripple
±0.00002dB
dB
–0.1dB attenuation
0.432fDATA
Hz
Passband transition
–3dB attenuation
0.488fDATA
Hz
Stop band
0.576fDATA
fCLK – 0.576fDATA
Hz
Stop band attenuation
86
dB
Group delay
28
tDRDY
Settling time
See the Wide-Bandwidth Filter section
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1675


Similar Part No. - ADS1675IPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1675IPAG TI-ADS1675IPAG Datasheet
796Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAG TI-ADS1675IPAG Datasheet
709Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAG TI-ADS1675IPAG Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAGR TI-ADS1675IPAGR Datasheet
796Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAGR TI-ADS1675IPAGR Datasheet
709Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1675IPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1675 TI-ADS1675 Datasheet
796Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI-ADS1675_1 Datasheet
709Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI-ADS1675_2 Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com