Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34-PP1DB72A2 Datasheet(PDF) 1 Page - E-SWITCH

Part # 34-PP1DB72A2
Description  UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

34-PP1DB72A2 Datasheet(HTML) 1 Page - E-SWITCH

  34-PP1DB72A2 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PP1 DB7 2A2
1:1
2/14/2012
34-PP1DB72A2
C
rc
1
1
1
2
3
PANEL CUTOUT
MAX PANEL THICKNESS 1.5mm
A
20592
New Release
5/7/12
rc
31.60
[1.244 in]
17.00
[.669 in]
n8.35
[.329 in]
9.70
[.382 in]
2.00
[.079 in]
21.70 `.50
.854 `.020 in
[
]
FREE POSITION
24.60
[.969 in]
2.20
[.087 in]
4.80
[.189 in]
13.00
[.512 in]
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY
4. ELECTRICAL LIFE: 6,000 CYCLES
5. OPERATING TEMP: 0°C TO 85°C
6. CONTACT RESISTANCE: 30m
MAX. INITIAL
7. 2002/95/EC (ROHS) COMPLIANT
8.
DENOTES CRITICAL PARAMETER
9. CONTACT RATING: UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
2
1
3
SPDT
CONTACT CONFIGURATION
9.50 `.50
.374 `.020 in
[
]
MAX. TRAVEL
POSITION
18.70 `.80
.736 `.031 in
[
]
OPERATING
POSITION
13.30 - .00
.20
+
.524 - .000
.008
+
in
[
]
28.20 - .00
.30
+
1.110 - .000
.012
+
in
[
]
3.55
[.140 in]
.80
[.032 in]
2 PLS
.80
[.031 in]
4.80
[.189 in]
B
21034
ADD TOLERANCE TO ACTUATOR POS
2/14/13
EBP
B
B
B
C
C
21089
9.50 WAS 12.10
4/2/13
EBP


Similar Part No. - 34-PP1DB72A2

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
34-PP1DT72B2 E-SWITCH-34-PP1DT72B2 Datasheet
68Kb / 1P
   34-PP1DT72B2
More results

Similar Description - 34-PP1DB72A2

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
34-PP1EB71A2 E-SWITCH-34-PP1EB71A2 Datasheet
60Kb / 1P
   UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
logo
GREATECS
MP4 GREATECS-MP4 Datasheet
174Kb / 1P
   Micro Switches 16A 125/250VAC
logo
PowerDynamics, Inc
PD-16EU POWERDYNAMICS-PD-16EU Datasheet
45Kb / 1P
   CEE 7/7 CONTINENTAL EUROPEAN RECEPTACLE 16A 250VAC
PD-16F POWERDYNAMICS-PD-16F Datasheet
35Kb / 1P
   CEE7-VII FRANCE/BELGIUM RECEPTACLE 10A~16A 250VAC
logo
List of Unclassifed Man...
C1700HOAAC ETC2-C1700HOAAC Datasheet
147Kb / 2P
   1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
logo
Vicor Corporation
03269 VICOR-03269 Datasheet
43Kb / 1P
   AC-CAPACITOR .15uF, 250VAC, (X2)
logo
Okaya Electric America,...
3SUPF-AE50ER-6-OA OKAYA-3SUPF-AE50ER-6-OA Datasheet
418Kb / 1P
   THREE PHASE FILTER DELTA (250VAC).
logo
Soshin electric Co., Lt...
HF3000A-UN SOSHIN-HF3000A-UN Datasheet
233Kb / 4P
   3-phase 3-line 250VAC
NF3000A-YXS SOSHIN-NF3000A-YXS Datasheet
653Kb / 5P
   3-phase 3-line 250VAC
NF2000A-RQ SOSHIN-NF2000A-RQ Datasheet
141Kb / 3P
   Single-phase 2-line 250VAC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com