Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8342 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS8342
Description  True Bipolar Input Input Signal Range: 짹2.5V
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8342 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8342_14 Datasheet HTML 1Page - Texas Instruments ADS8342_14 Datasheet HTML 2Page - Texas Instruments ADS8342_14 Datasheet HTML 3Page - Texas Instruments ADS8342_14 Datasheet HTML 4Page - Texas Instruments ADS8342_14 Datasheet HTML 5Page - Texas Instruments ADS8342_14 Datasheet HTML 6Page - Texas Instruments ADS8342_14 Datasheet HTML 7Page - Texas Instruments ADS8342_14 Datasheet HTML 8Page - Texas Instruments ADS8342_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ADS8342
SBAS277 – MAY 2003
www.ti.com
4
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range at –40
°C to +85°C, ±AVDD =±DVDD =±5V, BVDD = +5V, VREF = +2.5V, fCLK = 5MHz, and
fSAMPLE = 250kSPS, unless otherwise noted.
PARAMETER
TEST CONDITIONS
ADS8342I
ADS8342IB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
UNIT
Analog Input
Full-scale range (FSR)
AIN to Common
–VREF
+VREF
:
:
V
Input MUX on-resistance
Common = AGND
500
:
Input capacitance
Common = AGND
20
:
pF
Input leakage current
Common = AGND
±0.3
:
µA
Full power bandwidth
FS sinewave, –3dB
16
:
MHz
Voltage Accuracy
Resolution
16
:
Bits
No missing code
(NMC)
15
16
Bits
Integral linearity error (INL)
–6
±3
+6
–4
±2
+4
LSB
Differential nonlinearity (DNL)
–2
±1
+2
–1
±0.6
+1.5
LSB
Bipolar zero (offset) error (VOS)
AIN = Common = 0V
–2
+2
–1
+1
mV
Bipolar zero (offset) error drift (TCVOS)
AIN = Common = 0V
1
:
ppm/
°C
Bipolar zero (offset) error match
AIN = Common = 0V
0.150
1
:
:
mV
Positive gain error (PGERR)
AIN = VREF, Common = 0V
–0.25
+0.25
:
:
% FSR
Positive gain error drift (TCPGERR)
AIN = VREF, Common = 0V
1.5
:
ppm/
°C
Positive gain error match
AIN = VREF, Common = 0V
0.003
0.01
:
:
% FSR
Negative gain error (NGERR)
AIN = –VREF, Common = 0V
–0.25
+0.25
:
:
% FSR
Negative gain error drift (TCNGERR)
AIN = –VREF, Common = 0V
1.5
:
ppm/
°C
Negative gain error match
AIN = –VREF, Common = 0V
0.003
0.01
:
:
% FSR
Sampling Dynamics
Conversion time (tCONV)
500kHz
≤ fCLK ≤ 5MHz
3.4
34
:
:
µs
Acquisition time (tACQ)
fCLK = 5MHz
0.6
:
:
µs
Throughput rate
250
:
kHz
Multiplexer settling time
150
:
ns
Aperture delay
8
:
ns
Aperture jitter
50
:
ps
AC Accuracy
Total haromonic distortion (THD)
VIN = ±2.5Vp–p at 10kHz
–89
:
dB
Spurious-free dynamic range (SFDR)
VIN = ±2.5Vp–p at 10kHz
92
:
dB
Signal-to-noise ratio (SNR)
VIN = ±2.5Vp–p at 10kHz
86
:
dB
Signal-to-noise + distortion (SINAD)
VIN = ±2.5Vp–p at 10kHz
84.6
:
dB
Channel-to-channel isolation(2)
VIN = ±2.5Vp–p at 50kHz
95
:
dB
Effective number of bits (ENOB)
14
:
Bits
: Indicates the same specifications as the ADS8342I.
(1) All typical values are at TA = +25°C.
(2) Ensured by design.
(3) Applies for 5.0V nominal supply: BVDD (min) = 4.5V and BVDD (max) = 5.5V.
(4) Applies for 3.0V nominal supply: BVDD (min) = 2.7V and BVDD (max) = 3.6V.


Similar Part No. - ADS8342_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8342 TI1-ADS8342_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit, 250kSPS, 4-Channel, PARALLEL Output ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8342_14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2328-18 LINER-LTC2328-18_15 Datasheet
1Mb / 26P
   True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
LTC2326-18 LINER-LTC2326-18_15 Datasheet
1Mb / 26P
   True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
LTC2327-16 LINER-LTC2327-16_15 Datasheet
1Mb / 24P
   True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2328-16 LINER-LTC2328-16_15 Datasheet
1Mb / 26P
   True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2336-18 LINER-LTC2336-18_15 Datasheet
760Kb / 24P
   True Bipolar, Fully Differential Input ADC with 100dB SNR
LTC2337-18 LINER-LTC2337-18_15 Datasheet
753Kb / 24P
   True Bipolar, Fully Differential Input ADC with 100dB SNR
LTC2338-18 LINER-LTC2338-18_15 Datasheet
628Kb / 24P
   True Bipolar, Fully Differential Input ADC with 100dB SNR
LTC2327-18 LINER-LTC2327-18_15 Datasheet
512Kb / 26P
   True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
LTC2326-16 LINER-LTC2326-16_15 Datasheet
1Mb / 24P
   True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
logo
WAGO Kontakttechnik Gmb...
2857-401 WAGO-2857-401 Datasheet
712Kb / 10P
   Isolation amplifier; Bipolar current and voltage input signal; Bipolar current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com