Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7865IPBSG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7865IPBSG4
Description  Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7865IPBSG4 Datasheet(HTML) 1 Page - Texas Instruments

  ADS7865IPBSG4 Datasheet HTML 1Page - Texas Instruments ADS7865IPBSG4 Datasheet HTML 2Page - Texas Instruments ADS7865IPBSG4 Datasheet HTML 3Page - Texas Instruments ADS7865IPBSG4 Datasheet HTML 4Page - Texas Instruments ADS7865IPBSG4 Datasheet HTML 5Page - Texas Instruments ADS7865IPBSG4 Datasheet HTML 6Page - Texas Instruments ADS7865IPBSG4 Datasheet HTML 7Page - Texas Instruments ADS7865IPBSG4 Datasheet HTML 8Page - Texas Instruments ADS7865IPBSG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
S/H
Comparator
CDAC
Input
MUX
AV
DD
REF
IN
SAR
S/H
Comparator
CDAC
REF
OUT
AGND
SAR
10-BitDAC
2.5VReference
CHA0+
CHA0-
CHA1+
CHA1-
BV
DD
DB[11:0]
CS
CLOCK
WR
RD
BUSY
CONVST
BGND
CHB0+
CHB0-
CHB1+
CHB1-
Input
MUX
ADS7865
www.ti.com
SBAS441C – OCTOBER 2008 – REVISED APRIL 2012
Dual, 12-Bit, 3+3 or 2+2 Channel, Simultaneous Sampling
Analog-to-Digital Converter
Check for Samples: ADS7865
1
FEATURES
DESCRIPTION
The ADS7865 is a dual, 12-bit, 2MSPS analog-to-
2
Six Pseudo- or Four Fully Differential Inputs
digital converter (ADC) with four fully differential or six
SNR: 71.7dB, THD: –87dB
pseudo-differential input channels grouped into two
Programmable Channel Sequencer
pairs for high-speed, simultaneous signal acquisition.
Inputs to the sample-and-hold (S/H) amplifiers are
Programmable and Buffered Internal 2.5V
fully differential and are maintained differentially to
Reference
the input of the ADC. This architecture provides
Flexible Power-Down Features
excellent common-mode rejection of 72dB at 100kHz,
Variable Power-Supply Ranges: 2.7V to 5.5V
which is a critical performance characteristic in noisy
environments.
Low-Power Operation: 44mW Maximum at 5V
Operating Temperature Range:
The ADS7865 is pin-compatible with the ADS7862,
but
offers
additional
features
such
as
a
–40°C to +125°C
programmable channel sequencer and reference
Pin-Compatible Upgrade for the ADS7862
output, flexible supply voltage (2.7V to 5.5V for AVDD
and BVDD), a pseudo-differential input multiplexer with
APPLICATIONS
three channels per ADC, and several power-down
features.
Motor Control
Multi-Axis Positioning Systems
The ADS7865 is offered in a TQFP-32 package. It is
specified over the extended operating temperature
Three-Phase Power Control
range of –40°C to +125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS7865IPBSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7865IPBSG4 TI-ADS7865IPBSG4 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results

Similar Description - ADS7865IPBSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com