Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8365 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS8365
Description  16-Bit, 250kSPS, 6-Channel, Simultaneous Sampling SAR ANALOG-TO-DIGITAL CONVERTERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8365 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8365_14 Datasheet HTML 1Page - Texas Instruments ADS8365_14 Datasheet HTML 2Page - Texas Instruments ADS8365_14 Datasheet HTML 3Page - Texas Instruments ADS8365_14 Datasheet HTML 4Page - Texas Instruments ADS8365_14 Datasheet HTML 5Page - Texas Instruments ADS8365_14 Datasheet HTML 6Page - Texas Instruments ADS8365_14 Datasheet HTML 7Page - Texas Instruments ADS8365_14 Datasheet HTML 8Page - Texas Instruments ADS8365_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
ADS8365
SBAS362C – AUGUST 2006 – REVISED MARCH 2008.................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: 100kSPS (continued)
Over recommended operating free-air temperature range at –40
°C to +85°C, AV
DD = 5V, BVDD = 3V, VREF = internal +2.5V, fCLK = 2MHz, and
fSAMPLE = 100kSPS, unless otherwise noted.
ADS8365
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
AC ACCURACY
Total harmonic distortion
THD VIN = ±2.5VPP at 50kHz
–94
dB
Spurious-free dynamic range
SFDR VIN = ±2.5VPP at 50kHz
95
dB
Signal-to-noise ratio
SNR VIN = ±2.5VPP at 10kHz
88
dB
Signal-to-noise + distortion
SINAD VIN = ±2.5VPP at 10kHz
87
dB
Channel-to-channel isolation
95
dB
Effective number of bits
ENOB
14.3
Bits
VOLTAGE REFERENCE OUTPUT
Reference voltage output
VOUT
2.475
2.5
2.525
V
Initial accuracy
±1
%
Output voltage temperature drift
dVOUT/dT
±20
ppm/
°C
f = 0.1Hz to 10Hz, CL = 10µF
40
µV
PP
Output voltage noise
f = 10Hz to 10kHz, CL = 10µF
8
µVrms
Power-supply rejection ratio
PSRR
60
dB
Output impedance
ROUT
2
k
Short-circuit current
ISC
1.25
mA
Turn-on settling time
to 0.1% at CL = 0pF
100
µs
VOLTAGE REFERENCE INPUT
Reference voltage input
VIN
1.5
2.5
2.6
V
Reference input resistance
100
M
Reference input capacitance
5
pF
Reference input current
1
µA
DIGITAL INPUTS(2)
Logic family
CMOS
High-level input voltage
VIH
0.7
× BV
DD
BVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.3
× BV
DD
V
Input current
IIN VI = BVDD or GND
±50
nA
Input capacitance
CI
5
pF
DIGITAL OUTPUTS(2)
Logic family
CMOS
High-level output voltage
VOH BVDD = 4.5V, IOH = –100µA
4.44
V
Low-level output voltage
VOL BVDD = 4.5V, IOL = 100µA
0.5
V
High-impedance state output current
IOZ CS = BVDD, VI = BVDD or GND
±50
nA
Output capacitance
CO
5
pF
Load capacitance
CL
30
pF
DIGITAL INPUTS(3)
Logic family
LVCMOS
High-level input voltage
VIH BVDD = 3.6V
2
BVDD + 0.3
V
Low-level input voltage
VIL BVDD = 2.7V
–0.3
0.8
V
Input current
IIN VI = BVDD or GND
±50
nA
Input capacitance
CI
5
pF
(2)
Applies for 5.0V nominal supply: BVDD (min) = 4.5V and BVDD (max) = 5.5V.
(3)
Applies for 3.0V nominal supply: BVDD (min) = 2.7V and BVDD (max) = 3.6V.
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS8365


Similar Part No. - ADS8365_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8365IPAG BURR-BROWN-ADS8365IPAG Datasheet
642Kb / 33P
   16-Bit, 250kSPS, 6-Channel, Simultaneous Sampling SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS8365IPAG TI1-ADS8365IPAG Datasheet
993Kb / 38P
[Old version datasheet]   16-Bit, 250kSPS, 6-Channel, Simultaneous Sampling SAR ANALOG-TO-DIGITAL CONVERTERS
ADS8365IPAGG4 TI1-ADS8365IPAGG4 Datasheet
993Kb / 38P
[Old version datasheet]   16-Bit, 250kSPS, 6-Channel, Simultaneous Sampling SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS8365IPAGR BURR-BROWN-ADS8365IPAGR Datasheet
642Kb / 33P
   16-Bit, 250kSPS, 6-Channel, Simultaneous Sampling SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS8365IPAGR TI1-ADS8365IPAGR Datasheet
993Kb / 38P
[Old version datasheet]   16-Bit, 250kSPS, 6-Channel, Simultaneous Sampling SAR ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS8365_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8365 BURR-BROWN-ADS8365 Datasheet
642Kb / 33P
   16-Bit, 250kSPS, 6-Channel, Simultaneous Sampling SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS8365 TI1-ADS8365 Datasheet
993Kb / 38P
[Old version datasheet]   16-Bit, 250kSPS, 6-Channel, Simultaneous Sampling SAR ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
[Old version datasheet]   250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1174 TI-ADS1174 Datasheet
1Mb / 35P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_14 Datasheet
1Mb / 40P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com