Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7850IRTER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7850IRTER
Description  ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7850IRTER Datasheet(HTML) 5 Page - Texas Instruments

  ADS7850IRTER Datasheet HTML 1Page - Texas Instruments ADS7850IRTER Datasheet HTML 2Page - Texas Instruments ADS7850IRTER Datasheet HTML 3Page - Texas Instruments ADS7850IRTER Datasheet HTML 4Page - Texas Instruments ADS7850IRTER Datasheet HTML 5Page - Texas Instruments ADS7850IRTER Datasheet HTML 6Page - Texas Instruments ADS7850IRTER Datasheet HTML 7Page - Texas Instruments ADS7850IRTER Datasheet HTML 8Page - Texas Instruments ADS7850IRTER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
ADS8350, ADS7850, ADS7250
www.ti.com
SBAS580C – MAY 2013 – REVISED JUNE 2014
6.5 Electrical Characteristics: All Devices
Minimum and maximum specifications are at TA = –40°C to 125°C, AVDD = 5 V, VREFIN_A = VREFIN_B = VREF, and tDATA =
750 kSPS, unless otherwise noted. Typical values are at TA = 25°C, AVDD = 5 V, and DVDD = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input range,
AVDD
≥ 2 x VREF
(1),
FSR
–VREF
VREF
V
(AINP_x – AINM_x)
AINM_x = VREF
Absolute input voltage,
AVDD
≥ 2 x VREF
(1),
VINP
0
2 × VREF
V
(AINP_x to REFGND)
AINM_x = VREF
Absolute input voltage,
VINM
VREF – 0.1
VREF
VREF + 0.1
V
(AINM_x to REFGND)
In sample mode
40
pF
CIN
Input capacitance
In hold mode
4
pF
IIN
Input leakage current
1.5
nA
SAMPLING DYNAMICS
fDATA
Data rate
750
kSPS
tA
Aperture delay
8
ns
tA match
ADC_A to ADC_B
40
ps
Aperture jitter
10
ps
fCLK
Clock frequency
24
MHz
VOLTAGE REFERENCE INPUT
VREF
Reference input voltage
2.25
2.5
AVDD / 2(1)
V
IREF
Reference input current
300
μA
Reference leakage current
1
μA
External ceramic reference
CREF
10
μF
capacitance
DIGITAL INPUTS(2)
VIH
Input voltage, high
0.7 DVDD
DVDD + 0.3
V
VIL
Input voltage, low
–0.3
0.3 DVDD
V
DIGITAL OUTPUTS (2)
VOH
Output voltage, high
IOH = 500-µA source
0.8 DVDD
DVDD
V
VOL
Output voltage, low
IOH = 500-µA sink
0
0.2 DVDD
V
POWER SUPPLY
Analog supply voltage,
AVDD
4.5(1)
5.0
5.5
V
AVDD to GND
Digital supply voltage,
DVDD
1.65
5.5
V
DVDD to GND
Analog supply current,
IA-DYNA
AVDD = 5 V, throughput = max
8
9
mA
during conversion
Analog supply current,
IA-STAT
AVDD = 5 V, static
5
7
mA
no conversion
IDVDD
Digital supply current
DVDD = 3.3 V
0.25
mA
PD-DYNA
AVDD = 5 V, throughput = max
40
45
mW
Power dissipation
PD-STAT
AVDD = 5 V, static
25
35
mW
(1)
The AVDD supply voltage defines the permissible voltage swing on the analog input pins. To use the maximum dynamic range of the
analog input pins, VREFIN_x and AVDD must be in the respective permissible range with AVDD ≥ 2 x VREFIN_x.
(2)
Specified by design; not production tested.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS8350 ADS7850 ADS7250


Similar Part No. - ADS7850IRTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7851 TI1-ADS7851 Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
ADS7851IRTER TI1-ADS7851IRTER Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
ADS7851IRTET TI1-ADS7851IRTET Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
ADS7851RTE TI1-ADS7851RTE Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
logo
Burr-Brown (TI)
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7850IRTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com