Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1200Y2 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1200Y2
Description  MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1200Y2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSC1200Y2 Datasheet HTML 5Page - Texas Instruments MSC1200Y2 Datasheet HTML 6Page - Texas Instruments MSC1200Y2 Datasheet HTML 7Page - Texas Instruments MSC1200Y2 Datasheet HTML 8Page - Texas Instruments MSC1200Y2 Datasheet HTML 9Page - Texas Instruments MSC1200Y2 Datasheet HTML 10Page - Texas Instruments MSC1200Y2 Datasheet HTML 11Page - Texas Instruments MSC1200Y2 Datasheet HTML 12Page - Texas Instruments MSC1200Y2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
9
PIN CONFIGURATIONS
Top View
TQFP
Top View
QFN
36
35
34
33
32
31
30
29
28
27
26
25
DV
DD
DV
DD
DGND
DGND
P1.6/INT4
P1.5/INT3
P1.4/INT2/SS
P1.3/DIN
P1.2/DOUT
P1.1
P1.0/PROG
NC(1)
1
2
3
4
5
6
7
8
9
10
11
12
NC(1)
XIN
XOUT
DGND
RST
NC(1)
NC(1)
NC(1)
AV
DD
AGND
AGND
AINCOM
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
MSC1200
NOTE: (1) NC pins should be left unconnected.
XIN
XOUT
DGND
RST
NC(1)
AV
DD
AGND
AGND
AINCOM
DV
DD
DGND
P1.6/INT4
P1.5/INT3
P1.4/INT2/SS
P1.3/DIN
P1.2/DOUT
P1.1
P1.0/PROG
NOTE: (1) NC pin should be left unconnected.
1
2
3
4
5
6
7
8
9
27
26
25
24
23
22
21
20
19
10
11 12
13 14
15
16
17
18
36
35 34
33 32
31
30
29
28
MSC1201
MSC1202


Similar Part No. - MSC1200Y2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200Y2 TI-MSC1200Y2 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200Y2PFBR TI-MSC1200Y2PFBR Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200Y2PFBR TI1-MSC1200Y2PFBR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1200Y2PFBR TI-MSC1200Y2PFBR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
MSC1200Y2PFBR TI1-MSC1200Y2PFBR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
More results

Similar Description - MSC1200Y2

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT070DICFWD-NLD TOPWAY-LMT070DICFWD-NLD Datasheet
1Mb / 12P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKD-1 TOPWAY-LMT070DICFWD-AKD-1 Datasheet
827Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKE-1 TOPWAY-LMT070DICFWD-AKE-1 Datasheet
828Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKE TOPWAY-LMT070DICFWD-AKE Datasheet
828Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKD TOPWAY-LMT070DICFWD-AKD Datasheet
827Kb / 10P
   LVDS (JEIDA 24 bits)
logo
Broadcom Corporation.
AR18 BOARDCOM-AR18 Datasheet
863Kb / 16P
   Miniature Programmable Single-Turn Absolute Encoder with Resolution Ranging from 17 bits to 21 Bits
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
logo
List of Unclassifed Man...
71404 ETC2-71404 Datasheet
452Kb / 2P
   Phillips Bits
logo
Elpida Memory
EDS2532AABJ-6B ELPIDA-EDS2532AABJ-6B Datasheet
614Kb / 48P
   256M bits SDRAM (8M words 짰32 bits)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com