Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1514 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC1514
Description  5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1514 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC1514 Datasheet HTML 2Page - Texas Instruments TLC1514 Datasheet HTML 3Page - Texas Instruments TLC1514 Datasheet HTML 4Page - Texas Instruments TLC1514 Datasheet HTML 5Page - Texas Instruments TLC1514 Datasheet HTML 6Page - Texas Instruments TLC1514 Datasheet HTML 7Page - Texas Instruments TLC1514 Datasheet HTML 8Page - Texas Instruments TLC1514 Datasheet HTML 9Page - Texas Instruments TLC1514 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TLC1514, TLC1518
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS252 – DECEMBER 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
control and timing
start of the cycle:
D When FS is not used ( FS = 1 at the falling edge of CS), the falling edge of CS is the start of the cycle. Input
data is shifted in on the rising edge, and output data changes on the falling edge of SCLK. This is typically
used for an SPI microcontroller, although it can also be used for a DSP.
D When FS is used ( FS is an active signal from a DSP), the falling edge of FS is the start of the cycle. Input
data is shifted in on the falling edge, and output data changes on the rising edge of SCLK. This is typically
used for a TMS320 DSP.
first 4-MSBs: the command register (CMR)
The TLC1514/TLC1518 have a 4-bit command set (see Table 1) plus a 12-bit configuration data field. Most of
the commands require only the first 4 MSBs, i.e. without the 12-bit data field.
NOTE:
The device requires a write CFR (configuration register) with 000h data (write A000h to the serial
input) at power up to initialize host select mode.
The valid commands are listed in Table 1.
Table 1. TLC1514/TLC1518 Command Set
SDI D(15–12) BINARY, HEX
TLC1518 COMMAND
TLC1514 COMMAND
0000b
0000h
Select analog input channel 0
Select analog input channel 0
0001b
1000h
Select analog input channel 1
N/A
0010b
2000h
Select analog input channel 2
Select analog input channel 1
0011b
3000h
Select analog input channel 3
N/A
0100b
4000h
Select analog input channel 4
Select analog input channel 2
0101b
5000h
Select analog input channel 5
N/A
0110b
6000h
Select analog input channel 6
Select analog input channel 3
0111b
7000h
Select analog input channel 7
N/A
1000b
8000h
SW power down (analog + reference)
1001b
9000h
Read CFR register data shown as SDO D(11–0)
1010b
A000h plus data
Write CFR followed by 12-bit data
1011b
B000h
Select test, voltage = (REFP+REFM)/2
1100b
C000h
Select test, voltage = REFM
1101b
D000h
Select test, voltage = REFP
1110b
E000h
FIFO read, FIFO contents shown as SDO D(15–6), D(5–0) = XXXXXX
1111b
F000h plus data
Reserved
1111b
F000h plus data
Reserved


Similar Part No. - TLC1514

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1514 TI-TLC1514 Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI1-TLC1514 Datasheet
591Kb / 39P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514DW TI-TLC1514DW Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514ID TI-TLC1514ID Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514ID TI1-TLC1514ID Datasheet
591Kb / 39P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results

Similar Description - TLC1514

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1514 TI1-TLC1514_15 Datasheet
591Kb / 39P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI-TLC1514 Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554 TI1-TLC2554_14 Datasheet
1Mb / 50P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554 TI-TLC2554 Datasheet
566Kb / 37P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV1504 TI-TLV1504 Datasheet
638Kb / 42P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com