Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2554 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2554
Description  5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2554 Datasheet(HTML) 1 Page - Texas Instruments

  TLC2554 Datasheet HTML 1Page - Texas Instruments TLC2554 Datasheet HTML 2Page - Texas Instruments TLC2554 Datasheet HTML 3Page - Texas Instruments TLC2554 Datasheet HTML 4Page - Texas Instruments TLC2554 Datasheet HTML 5Page - Texas Instruments TLC2554 Datasheet HTML 6Page - Texas Instruments TLC2554 Datasheet HTML 7Page - Texas Instruments TLC2554 Datasheet HTML 8Page - Texas Instruments TLC2554 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
TLC2554, TLC2558
5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS220A –JUNE 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Maximum Throughput 400 KSPS
D Built-In Reference and 8× FIFO
D Differential/Integral Nonlinearity Error:
±1 LSB
D Signal-to-Noise and Distortion Ratio:
69 dB, fi = 12 kHz
D Spurious Free Dynamic Range: 75 dB,
fi = 12 kHz
D SPI/DSP-Compatible Serial Interfaces With
SCLK up to 20 MHz
D Single Supply 5 Vdc
D Analog Input Range 0 V to Supply Voltage
With 500 kHz BW
D Hardware Controlled and Programmable
Sampling Period
D Low Operating Current (4 mA at 5.5 V
External Ref, 6 mA at 5.5 V, Internal Ref)
D Power Down: Software/Hardware
Power-Down Mode (1
µA Max, Ext Ref),
Auto Power-Down Mode (1
µA, Ext Ref)
D Programmable Auto-Channel Sweep
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SDO
SDI
SCLK
EOC/(INT)
VCC
A0
A1
A2
A3
A4
CS
REFP
REFM
FS
PWDN
GND
CSTART
A7
A6
A5
DW OR PW PACKAGE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SDO
SDI
SCLK
EOC/(INT)
VCC
A0
A1
A2
CS
REFP
REFM
FS
PWDN
GND
CSTART
A3
D OR PW PACKAGE
(TOP VIEW)
(TOP VIEW)
description
The TLC2558 and TLC2554 are a family of high-performance, 12-bit low power, 1.6
µs, CMOS analog-to-digital
converters (ADC) which operate from a single 5 V power supply. These devices have three digital inputs and
a 3-state output [chip select (CS), serial input-output clock (SCLK), serial data input (SDI), and serial data output
(SDO)] that provide a direct 4-wire interface to the serial port of most popular host microprocessors (SPI
interface). When interfaced with a DSP, a frame sync (FS) signal is used to indicate the start of a serial data
frame.
In addition to a high-speed A/D converter and versatile control capability, these devices have an on-chip analog
multiplexer that can select any analog inputs or one of three internal self-test voltages. The sample-and-hold
function is automatically started after the fourth SCLK edge (normal sampling) or can be controlled by a special
pin, CSTART, to extend the sampling period (extended sampling). The normal sampling period can also be
programmed as short (12 SCLKs) or as long (24 SCLKs) to accommodate faster SCLK operation popular
among high-performance signal processors. The TLC2558 and TLC2554 are designed to operate with very low
power consumption. The power-saving feature is further enhanced with software/hardware/auto power down
modes and programmable conversion speeds. The converter uses the external SCLK as the source of the
conversion clock to achieve higher (up to 1.6
µs when a 20 MHz SCLK is used) conversion speed. There is a
4-V internal reference available. An optional external reference can also be used to achieve maximum flexibility.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLC2554

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2554 TI-TLC2554 Datasheet
566Kb / 37P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554CD TI-TLC2554CD Datasheet
566Kb / 37P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554CPW TI-TLC2554CPW Datasheet
566Kb / 37P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554ID TI-TLC2554ID Datasheet
566Kb / 37P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554IPW TI-TLC2554IPW Datasheet
566Kb / 37P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results

Similar Description - TLC2554

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2554 TI-TLC2554 Datasheet
566Kb / 37P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI1-TLC1514_15 Datasheet
591Kb / 39P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI1-TLC1514_14 Datasheet
594Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI-TLC1514 Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI1-TLV2544_16 Datasheet
1Mb / 49P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com