Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ4685 Datasheet(PDF) 2 Page - General Semiconductor

Part # MMSZ4685
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MMSZ4685 Datasheet(HTML) 2 Page - General Semiconductor

  MMSZ4685 Datasheet HTML 1Page - General Semiconductor MMSZ4685 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMSZ4681
CF
2.4
2.28
2.52
2.00
1.0
MMSZ4682
CH
2.7
2.57
2.84
1.00
1.0
MMSZ4683
CJ
3.0
2.85
3.15
0.80
1.0
MMSZ4684
CK
3.3
3.14
3.47
7.50
1.5
MMSZ4685
CM
3.6
3.42
3.78
7.50
2.0
MMSZ4686
CN
3.9
3.71
4.10
5.00
2.0
MMSZ4687
CP
4.3
4.09
4.52
4.00
2.0
MMSZ4688
CT
4.7
4.47
4.94
10.0
3.0
MMSZ4689
CU
5.1
4.85
5.36
10.0
3.0
MMSZ4690
CV
5.6
5.32
5.88
10.0
4.0
MMSZ4691
CA
6.2
5.89
6.51
10.0
5.0
MMSZ4692
CX
6.8
6.46
7.14
10.0
5.1
MMSZ4693
CY
7.5
7.13
7.88
10.0
5.7
MMSZ4694
CZ
8.2
7.79
8.61
1.00
6.2
MMSZ4695
DC
8.7
8.27
9.14
1.00
6.6
MMSZ4696
DD
9.1
8.65
9.56
1.00
6.9
MMSZ4697
DE
10.0
9.50
10.5
1.00
7.6
MMSZ4698
DF
11.0
10.5
11.6
0.05
8.4
MMSZ4699
DH
12.0
11.4
12.6
0.05
9.1
MMSZ4700
DJ
13.0
12.4
13.7
0.05
9.8
MMSZ4701
DK
14.0
13.3
14.7
0.05
10.6
MMSZ4702
DM
15.0
14.3
15.8
0.05
11.4
MMSZ4703
DN
16.0
15.2
16.8
0.05
12.1
MMSZ4704
DP
17.0
16.2
17.9
0.05
12.9
MMSZ4705
DT
18.0
17.1
18.9
0.05
13.6
MMSZ4706
DU
19.0
18.1
20.0
0.05
14.4
MMSZ4707
DV
20.0
19.0
21.0
0.01
15.2
MMSZ4708
DA
22.0
20.9
23.1
0.01
16.7
MMSZ4709
DZ
24.0
22.8
25.2
0.01
18.2
MMSZ4710
DY
25.0
23.8
26.3
0.01
19.0
MMSZ4711
EA
27.0
25.7
28.4
0.01
20.4
MMSZ4712
EC
28.0
26.6
29.4
0.01
21.2
MMSZ4713
ED
30.0
28.5
31.5
0.01
22.8
MMSZ4714
EE
33.0
31.4
34.7
0.01
25.0
MMSZ4715
EF
36.0
34.2
37.8
0.01
27.3
MMSZ4716
EH
39.0
37.1
41.0
0.01
29.6
MMSZ4717
EJ
43.0
40.9
45.2
0.01
32.6
MMSZ4681 THRU MMSZ4717
ELECTRICAL CHARACTERISTICS
Type
Marking
Code
Zener Voltage(1)
VZ @ IZT = 50
µA (Volts)
Test Voltage
VR
(Volts)
Nominal
NOTES:
(1) Measured with device junction in thermal equilibrium
Min
Max
Max Reverse
Current
IR
(µA)
TA = 25°C unless otherwise specified


Similar Part No. - MMSZ4685

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MMSZ4685 EIC-MMSZ4685 Datasheet
118Kb / 4P
   ZENER DIODES
logo
Foshan Blue Rocket Elec...
MMSZ4685 FOSHAN-MMSZ4685 Datasheet
757Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
TAITRON Components Inco...
MMSZ4685 TAITRON-MMSZ4685 Datasheet
156Kb / 6P
   500mW Two Terminals SMD Zener Diodes
logo
Micro Commercial Compon...
MMSZ4685 MCC-MMSZ4685 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
logo
Rectron Semiconductor
MMSZ4685 RECTRON-MMSZ4685 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
More results

Similar Description - MMSZ4685

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com