Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ4687 Datasheet(PDF) 1 Page - General Semiconductor

Part # MMSZ4687
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MMSZ4687 Datasheet(HTML) 1 Page - General Semiconductor

  MMSZ4687 Datasheet HTML 1Page - General Semiconductor MMSZ4687 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SYMBOL
VALUE
UNIT
Zener Current (see Table “Characteristics”)
Power Dissipation at TL = 75°C
Ptot
500(1)
mW
Maximum Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
-55 to +150
°C
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance Junction to Ambient Air
R
ΘJA
340(1)
°C/W
Forward Voltage at IF = 10 mA
VF
0.9
Volts
NOTES:
(1) FR-4 or FR-5 board with minimum recommended solder pad layout.
MMSZ4681 THRU MMSZ4717
ZENER DIODES
FEATURES
♦ Silicon Planar Zener Diodes
♦ Standard Zener voltage tolerance is
± 5%. Other tolerances are available
upon request.
♦ High temperature soldering guaranteed:
250°C/10 seconds set terminals.
♦ These diodes are also available in DO-35 case with
type designation 1N4681 ... 1N4717 and SOT-23 case
with the type designation MMBZ4681 ... MMBZ4717.
MECHANICAL DATA
Case: SOD-123 Plastic Case
Weight: approx. 0.01 g
Terminals: Solderable per MIL-STD-750, method 2026.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
.022 (0.55)
.067 (1.70)
min. .010 (0.25)
Cathode Mark
Top View
.055 (1.40)
Dimensions in inches and (millimeters)
SOD-123
1/20/99
ADVANCED INFORMATION


Similar Part No. - MMSZ4687

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MMSZ4687 EIC-MMSZ4687 Datasheet
118Kb / 4P
   ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4687 MCC-MMSZ4687 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
logo
TAITRON Components Inco...
MMSZ4687 TAITRON-MMSZ4687 Datasheet
156Kb / 6P
   500mW Two Terminals SMD Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ4687 SUNMATE-MMSZ4687 Datasheet
456Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Rectron Semiconductor
MMSZ4687 RECTRON-MMSZ4687 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
More results

Similar Description - MMSZ4687

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com