Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1570 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV1570
Description  2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1570 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV1570_14 Datasheet HTML 7Page - Texas Instruments TLV1570_14 Datasheet HTML 8Page - Texas Instruments TLV1570_14 Datasheet HTML 9Page - Texas Instruments TLV1570_14 Datasheet HTML 10Page - Texas Instruments TLV1570_14 Datasheet HTML 11Page - Texas Instruments TLV1570_14 Datasheet HTML 12Page - Texas Instruments TLV1570_14 Datasheet HTML 13Page - Texas Instruments TLV1570_14 Datasheet HTML 14Page - Texas Instruments TLV1570_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TLV1570
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER
SLAS169B – DECEMBER 1997– REVISED OCTOBER 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, AGND to AVDD, DGND to DVDD
– 0.3 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range
– 0.3 V to AVDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage
AVDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
– 0.3 V to DVDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLV1570C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLV1570I
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
power supplies
MIN
TYP
MAX
UNIT
Analog supply voltage, AVDD (see Note 1)
2.7
5.5
V
Digital supply voltage, DVDD (see Note 1)
2.7
5.5
V
NOTE 1: Abs (AVDD – DVDD) < 0.5 V
analog inputs
MIN
TYP
MAX
UNIT
Analog input voltage, AIN
AGND
VREF
V
Reference input voltage REF
DVDD = 3.3 V to 2.7 V
55% AVDD
AVDD
V
Reference input voltage, REF
DVDD = 5.5 V to 4.5 V
60% AVDD
AVDD
V
digital inputs
MIN
TYP
MAX
UNIT
High-level input voltage, VIH
DVDD = 2.7 V to 5.5 V
2.1
V
Low-level input voltage, VIL
DVDD = 2.7 V to 5.5 V
0.8
V
Input SCLK frequency
DVDD = 5.5 V to 4.5 V
20
MHz
Input SCLK frequency
DVDD = 3.6 V to 2.7 V
1
10
MHz
SCLK pulse duration clock high t (SCLKH)
DVDD = 5.5 V to 4.5 V
23
ns
SCLK pulse duration, clock high, tw(SCLKH)
DVDD = 3.6 V to 2.7 V
46
ns
SCLK pulse duration clock low t (SCLKL)
DVDD = 5.5 V to 4.5 V
23
ns
SCLK pulse duration, clock low, tw(SCLKL)
DVDD = 3.6 V to 2.7 V
46
ns
electrical characteristics,over recommended operating free-air temperature range, supply
voltages, and reference voltages (unless otherwise noted)
digital specifications (SDOUT at 25 pF)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Logic inputs
IIH
High-level input current
DVDD = 5 V,
VI = 5 V
1
µA
IIL
Low-level input current
DVDD = 5 V,
VI = 0 V
–1
µA
CI
Input capacitance
Control inputs
5
15
pF
Logic outputs


Similar Part No. - TLV1570_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1570CDW TI-TLV1570CDW Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570CPW TI-TLV1570CPW Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570IDW TI-TLV1570IDW Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570IPW TI-TLV1570IPW Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - TLV1570_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1572 TI1-TLV1572_14 Datasheet
515Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572 TI-TLV1572 Datasheet
192Kb / 13P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
THS1031 TI-THS1031 Datasheet
358Kb / 26P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030 TI-THS1030 Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
logo
Texas Instruments
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com