Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1578 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1578
Description  2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1578 Datasheet(HTML) 4 Page - Texas Instruments

  TLV1578 Datasheet HTML 1Page - Texas Instruments TLV1578 Datasheet HTML 2Page - Texas Instruments TLV1578 Datasheet HTML 3Page - Texas Instruments TLV1578 Datasheet HTML 4Page - Texas Instruments TLV1578 Datasheet HTML 5Page - Texas Instruments TLV1578 Datasheet HTML 6Page - Texas Instruments TLV1578 Datasheet HTML 7Page - Texas Instruments TLV1578 Datasheet HTML 8Page - Texas Instruments TLV1578 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TLV1571, TLV1578
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTERS
SLAS170D –MARCH 1999 – REVISED JULY 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
_
+
Charge
Redistribution
DAC
SAR
Register
REFM
ADC Code
Control
Logic
Ain
Figure 1. Analog-to-Digital SAR Converter
The TLV1571/78 is a successive-approximation ADC utilizing a charge redistribution DAC. Figure 1 shows a
simplified version of the ADC.
The sampling capacitor acquires the signal on AIN during the sampling period. When the conversion process
starts, the SAR control logic and charge redistribution DAC are used to add and subtract fixed amounts of charge
from the sampling capacitor to bring the comparator into a balanced condition. When the comparator is
balanced, the conversion is complete and the ADC output code is generated.
sampling frequency, fs
The TLV1571/ TLV1578 requires 16 CLKs for each conversion, (assuming the read cycle takes 1 CLK). The
equivalent maximum sampling frequency achievable with a given CLK frequency is:
fs(max) = (1/17) fCLK
The TLV1571 and TLV1578 are software configurable. The first two MSB bits, D(9,8) are used to address which
register to set. The rest of the eight bits are used as control data bits. There are two control registers, CR0 and
CR1, that are user configurable. All of the register bits are written to the control register during write cycles. A
description of the control registers is shown in Figure 2.


Similar Part No. - TLV1578

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1578 TI-TLV1578 Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1578 TI-TLV1578 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1578CDA TI-TLV1578CDA Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1578CDA TI-TLV1578CDA Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1578CDAG4 TI-TLV1578CDAG4 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLV1578

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1571 TI-TLV1571_00 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571 TI-TLV1571 Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV5627CDR TI1-TLV5627CDR Datasheet
468Kb / 23P
[Old version datasheet]   2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com