Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1578 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1578
Description  2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1578 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV1578 Datasheet HTML 4Page - Texas Instruments TLV1578 Datasheet HTML 5Page - Texas Instruments TLV1578 Datasheet HTML 6Page - Texas Instruments TLV1578 Datasheet HTML 7Page - Texas Instruments TLV1578 Datasheet HTML 8Page - Texas Instruments TLV1578 Datasheet HTML 9Page - Texas Instruments TLV1578 Datasheet HTML 10Page - Texas Instruments TLV1578 Datasheet HTML 11Page - Texas Instruments TLV1578 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TLV1571, TLV1578
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTERS
SLAS170D –MARCH 1999 – REVISED JULY 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
reference voltage input
The TLV1571/TLV1578 has two reference input pins: REFP and REFM. The voltage levels applied to these pins
establish the upper and lower limits of the analog inputs to produce a full-scale and zero-scale reading
respectively. The values of REFP, REFM, and the analog input should not exceed the positive supply or be less
than GND consistent with the specified absolute maximum ratings. The digital output is at full scale when the
input signal is equal to or higher than REFP and is at zero when the input signal is equal to or lower than REFM.
sampling/conversion
All sampling, conversion, and data output in the device are started by a trigger. This could be the RD, WR, or
CSTART signal depending on the mode of conversion and configuration. The rising edge of RD, WR, and
CSTART signal are extremely important, since they are used to start the conversion. These edges need to stay
close to the rising edge of the external clock (if external clock is used as source of conversion clock). The
minimum setup and hold time with respect to the rising edge of the external clock should be 5 ns minimum. When
the internal clock is used, this is not an issue since these two edges will start the internal clock automatically.
Therefore, the setup time is always met. Software controlled sampling lasts 6 clock cycles. This is done via the
CLK input or the internal oscillator if enabled. The input clock frequency can be 1 MHz to 20 MHz, translating
into a sampling time from 0.6
µs to 0.3 µs. The internal oscillator frequency is 9 MHz minimum (oscillator
frequency is between 9 MHz to 22 MHz), translating into a sampling time from 0.6
µs to 0.3 µs. Conversion
begins immediately after sampling and lasts 10 clock cycles. This is again done using the external clock input
(1 MHz–20 MHz) or the internal oscillator (9 MHz minimum) if enabled. Hardware controlled sampling, via
CSTART, begins on falling CSTART lasts the length of the active CSTART signal. This allows more control over
the sampling time, which is useful when sampling sources with large output impedances. On rising CSTART,
conversion begins. Conversion in hardware controlled mode also lasts 10 clock cycles. This is done using the
external clock input (1 MHz–20 MHz) or the internal oscillator (9 MHz minimum) as is the case in software
controlled mode.
NOTE: tsu = setup time, th = hold time
ExtClk
WR
RD
CSTART
tsu(WRH_EXTCLKH) ≥5 ns
th(WRL_EXTCLKH) ≥5 ns
th(RDL_EXTCLKH) ≥5 ns
td(EXTCLK_CSTARTL) ≥5 ns
th(CSTARTL_EXTCLKH) ≥5 ns
tsu(CSTARTH_EXTCLKH) ≥5 ns
OR
OR
tsu(RDH_EXTCLKH) ≥5 ns
Figure 3. Trigger Timing – Software Start Mode Using External Clock


Similar Part No. - TLV1578

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1578 TI-TLV1578 Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1578 TI-TLV1578 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1578CDA TI-TLV1578CDA Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1578CDA TI-TLV1578CDA Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1578CDAG4 TI-TLV1578CDAG4 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLV1578

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1571 TI-TLV1571_00 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571 TI-TLV1571 Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV5627CDR TI1-TLV5627CDR Datasheet
468Kb / 23P
[Old version datasheet]   2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com