Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2542IDGKG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV2542IDGKG4
Description  2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2542IDGKG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV2542IDGKG4 Datasheet HTML 1Page - Texas Instruments TLV2542IDGKG4 Datasheet HTML 2Page - Texas Instruments TLV2542IDGKG4 Datasheet HTML 3Page - Texas Instruments TLV2542IDGKG4 Datasheet HTML 4Page - Texas Instruments TLV2542IDGKG4 Datasheet HTML 5Page - Texas Instruments TLV2542IDGKG4 Datasheet HTML 6Page - Texas Instruments TLV2542IDGKG4 Datasheet HTML 7Page - Texas Instruments TLV2542IDGKG4 Datasheet HTML 8Page - Texas Instruments TLV2542IDGKG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TLV2541, TLV2542, TLV2545
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS245E −MARCH 2000 − REVISED APRIL 2010
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
control and timing (continued)
D Control via both CS and FS—The MSB is presented after the falling edge of CS. The falling edge of FS is
the start of the sampling cycle. The MSB should be read on the first falling SCLK edge after FS is low. Output
data changes on the rising edge of SCLK. This configuration is typically used for multiple devices connected
to a TMS320 DSP.
TLV2542/5
All control is provided using CS (pin 1) on the TLV2542 and TLV2545. The cycle is started on the falling edge
transition provided by either a CS signal from an SPI microcontroller or FS signal from a TMS320 DSP. Timing
is similar to the TLV2541, with control via CS only.
TLV2542 channel MUX reset cycle
The TLV2542 uses CS to reset the analog input multiplexer. A short active CS cycle (4 to 7 SCLKs) resets the
MUX to AIN0. When the CS cycle time is greater than 7 SCLKs in duration, as in the case for a complete
conversion cycle (CS is low for 16 SCLKs plus maximum conversion time), the MUX toggles to the next channel
(see Figure 4 for timing). One dummy conversion cycle is recommended after power up before attempting to
reset the MUX.
sampling
The converter sample time is 12 SCLKs in duration, beginning on the fifth SCLK received after the converter
has received a high-to-low CS transition (or a high-to-low FS transition for the TLV2541).
conversion
The TLV2541, TLV2542, and TLV2545 complete conversions in the following manner. The conversion is started
after the 16th SCLK falling edge and takes 3.5 μs to complete. Enough time (for conversion) should be allowed
before a rising CS or FS edge so that no conversion is terminated prematurely.
TLV2542 input channel selection is toggled on each rising CS edge. The MUX channel can be reset to AIN0
via CS as described in the earlier section and in Figure 4. The input is sampled for 12 SCLKs, converted, and
the result is presented on SDO during the next cycle. Care should also be taken to allow enough time between
samples to avoid prematurely terminating the cycle, which occurs on a rising CS transition if the conversion is
not complete.
The SDO data presented during a cycle is the result of the conversion of the sample taken during the previous
cycle.
timing diagrams/conversion cycles
SCLK
1
2
3
4
5
6
12
13
14
15
16
1
CS
FS
OD8
OD7
OD6
OD5
OD0
SDO
t(sample)
tc
t(powerdown)
7
OD10
OD11
OD9
Figure 2. TLV2541 Timing: Control via CS (FS = 1)


Similar Part No. - TLV2542IDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2542IDGKG4 TI-TLV2542IDGKG4 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
More results

Similar Description - TLV2542IDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544 TI1-TLV2544_16 Datasheet
1Mb / 49P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2548-EP TI1-TLV2548-EP Datasheet
1Mb / 38P
[Old version datasheet]   3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com