Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1578IDAG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1578IDAG4
Description  2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1578IDAG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV1578IDAG4 Datasheet HTML 7Page - Texas Instruments TLV1578IDAG4 Datasheet HTML 8Page - Texas Instruments TLV1578IDAG4 Datasheet HTML 9Page - Texas Instruments TLV1578IDAG4 Datasheet HTML 10Page - Texas Instruments TLV1578IDAG4 Datasheet HTML 11Page - Texas Instruments TLV1578IDAG4 Datasheet HTML 12Page - Texas Instruments TLV1578IDAG4 Datasheet HTML 13Page - Texas Instruments TLV1578IDAG4 Datasheet HTML 14Page - Texas Instruments TLV1578IDAG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
internal clock
In single channel input mode, with CS low and WR low, data is written into the ADC. The sampling begins at the falling edge of CSTART, and
conversion begins at the rising edge of CSTART. The internal clock turns on at the rising edge of CSTART. The internal clock is disabled after
each conversion.
OR
Auto Power Down
CS
WR
CSTART
INTCLK
RD
D[0:9]
INT
EOC
Config
Data
ADC
Data
ADC
Data
t su(CSL_WRL)
t h(WRH_CSH)
t
d(CSH_CSTARTL)
t(sample)
(Channel 0)
(see Note A)
t su(DAV_WRH)
th(WRH_DAV)
tc
t su(CSL_RDL)
th(RDH_CSH)
t en(RDL_DAV)
t dis(RDH_DAV)
tc
t su(CSL_RDL)
t en(RDL_DAV)
t (STARTOSC)
t (STARTOSC)
9
10
1
0
Auto Power Down
tc
(Channel 1)
(see Note A)
t d(EOC_RDL)
NOTE A: AIN for TLV1571; channels sweep according to register settings.
Figure 5. Multichannel Input Mode Conversion – Hardware CSTART, Internal Clock


Similar Part No. - TLV1578IDAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1578IDAG4 TI-TLV1578IDAG4 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLV1578IDAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1571 TI-TLV1571_00 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571 TI-TLV1571 Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV5627CDR TI1-TLV5627CDR Datasheet
468Kb / 23P
[Old version datasheet]   2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com