Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7755RFV-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD7755RFV-E2
Description  System Motor Driver IC for Half Height Drive (Sensor less)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7755RFV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD7755RFV-E2 Datasheet HTML 7Page - Rohm BD7755RFV-E2 Datasheet HTML 8Page - Rohm BD7755RFV-E2 Datasheet HTML 9Page - Rohm BD7755RFV-E2 Datasheet HTML 10Page - Rohm BD7755RFV-E2 Datasheet HTML 11Page - Rohm BD7755RFV-E2 Datasheet HTML 12Page - Rohm BD7755RFV-E2 Datasheet HTML 13Page - Rohm BD7755RFV-E2 Datasheet HTML 14Page - Rohm BD7755RFV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Technical Note
11/18
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD7755RFV
6. Protect system 1
It is a function to mute the actuator outputs when the IC outputs the current more than the setting threshold value IPRTLIM
for 1.2sec because of the protection for the focus, the tracking, and the tilt coil. Outputs are muted similarly when the
output current of two or three CHs continuously exceed the threshold for 1.2sec.
It returns to normal operation by setting CTL2=L.
IPRTLIM =
A
RPRTLIM(Ω)
(A)
A = 8750
PRTFLG(OUTPUT)
Actuator output (FCO/TKO/TLO)
H
OFF
L
active
MIN.
TYP.
MAX.
Unit
Time until protection function operates
1.0
1.2
1.4
s
Current between
FCO outputs
0
Current between
TLO outputs
Current between
TKO outputs
CTL2
0
0
Low
High
FCIN1
0
Current between
FCO outputs
Current between
TLO outputs
Current between
TKO outputs
CTL2
0
FCIN1
0
0
threshold current
0
threshold current
Low
High
threshold current
threshold current
threshold current
threshold current
1.2sec
mute
1.2sec
mute
reset
7. Protect system 2
Function to protect against destruction of output terminal when output pin connects to GND or Vcc.
PRTFLG(OUTPUT)
Spindle, Sled motor driver output
H
OFF
L
active
・Spindle, Sled motor
・When SINK side POWER transistor has been turned on, if the output voltage (SPVM/2&SLVM/2<TYP> or more) are
detected, the channel concerned will be turned off.
・When SOURCE side POWER transistor has been turned on, if the output voltage (SPVM/2&SLVM/2<TYP> or less ) are
detected, the channel concerned will be turned off.


Similar Part No. - BD7755RFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7755RFV ROHM-BD7755RFV Datasheet
908Kb / 19P
   System Motor Driver IC for Half Height Drive (Sensor less)
More results

Similar Description - BD7755RFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7755RFV ROHM-BD7755RFV Datasheet
908Kb / 19P
   System Motor Driver IC for Half Height Drive (Sensor less)
BD7763EFV ROHM-BD7763EFV Datasheet
793Kb / 19P
   System Motor Driver IC for Half Height Drive(Sensor less)
BD7959EFV ROHM-BD7959EFV Datasheet
1Mb / 19P
   System Motor Driver IC for Half Height Drive (3 Sensors)
logo
Panasonic Semiconductor
AN8221FB PANASONIC-AN8221FB Datasheet
506Kb / 13P
   HDD Sensor-less Motor Driver IC
AN3861SA PANASONIC-AN3861SA Datasheet
103Kb / 11P
   Sensor-less Motor Drive IC for VTR Movie Cylinder
logo
Sanyo Semicon Device
LV8806GQ SANYO-LV8806GQ Datasheet
242Kb / 6P
   3-phase sensor-less Motor Driver IC
logo
ON Semiconductor
LV8806QA ONSEMI-LV8806QA Datasheet
338Kb / 8P
   3-phase sensor-less Motor Driver IC
April, 2013
logo
Rohm
BH55110KV ROHM-BH55110KV Datasheet
546Kb / 17P
   System Motor Driver IC for Slim Drive (3 sensors)
logo
Sanyo Semicon Device
LB11685VH SANYO-LB11685VH Datasheet
184Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
LB11685AV SANYO-LB11685AV Datasheet
182Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com