Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSB8JT Datasheet(PDF) 2 Page - General Semiconductor

Part # NSB8JT
Description  GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

NSB8JT Datasheet(HTML) 2 Page - General Semiconductor

  NSB8JT Datasheet HTML 1Page - General Semiconductor NSB8JT Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
50
100
150
0
2.0
4.0
6.0
8.0
10
110
100
0
25
50
75
100
125
150
175
0.1
1
10
100
1,000
0
20
40
60
80
100
120
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
0
204060
80
100
0.1
1
10
100
FIG.1 - FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, °C
60 HZ RESISTIVE or
INDUCTIVE LOAD
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60 HZ
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=75°C
TJ=25°C
f=1.0 MHZ
Vsig=50mp-p
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=100°C
TJ=25°C
1.0 CYCLE
RATINGS AND CHARACTERISTIC CURVES NSB8AT THRU NSB8MT


Similar Part No. - NSB8JT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NSB8JT VISHAY-NSB8JT Datasheet
41Kb / 3P
   Glass Passivated General Purpose Plastic Rectifier
08-Jul-02
NSB8JT VISHAY-NSB8JT Datasheet
132Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 08-Nov-07
NSB8JT-E3 VISHAY-NSB8JT-E3 Datasheet
131Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 20-Jan-14
NSB8JT-E3-45 VISHAY-NSB8JT-E3-45 Datasheet
132Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 08-Nov-07
NSB8JT-E3-81 VISHAY-NSB8JT-E3-81 Datasheet
132Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 08-Nov-07
More results

Similar Description - NSB8JT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NS8XT VISHAY-NS8XT Datasheet
136Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 09-Feb-15
NSB8JT-E3 VISHAY-NSB8JT-E3 Datasheet
131Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 20-Jan-14
logo
General Semiconductor
NS8AT GE-NS8AT Datasheet
73Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
NS8AT VISHAY-NS8AT_07 Datasheet
132Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 08-Nov-07
NSXT VISHAY-NSXT Datasheet
41Kb / 3P
   Glass Passivated General Purpose Plastic Rectifier
08-Jul-02
NS8KT-E345 VISHAY-NS8KT-E345 Datasheet
131Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 20-Jan-14
logo
General Semiconductor
NSF8AT GE-NSF8AT Datasheet
44Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
NSFB8AT VISHAY-NSFB8AT Datasheet
124Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
18-Jul-08
NS8XT VISHAY-NS8XT_V01 Datasheet
125Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
01-Jan-2022
logo
Central Semiconductor C...
CPR4-020 CENTRAL-CPR4-020_15 Datasheet
77Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com