Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDP8304-301 Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # SDP8304-301
Description  Infrared Assemblies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SDP8304-301 Datasheet(HTML) 1 Page - Honeywell Accelerometers

  SDP8304-301 Datasheet HTML 1Page - Honeywell Accelerometers SDP8304-301 Datasheet HTML 2Page - Honeywell Accelerometers SDP8304-301 Datasheet HTML 3Page - Honeywell Accelerometers SDP8304-301 Datasheet HTML 4Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Infrared Assemblies
Through Beam Modules
HOA6299 Series
MICRO SWITCH Sensing and Control
FEATURES
• Emitter and detector in
separate modules for
variable spacing
• Internal current limiting
resistor
• Direct TTL interface
• Buffer logic
• Fast response time
• Dust protective housing
APPLICATIONS
• Edge detection
• Position control
• Parts counting
• Mail sorting
The HOA6299 Series through beam infrared sensor modules operate
as a pair. The infrared emitting diode, HOA6299-002, and the detector,
HOA6299-003, are encased in black thermoplastic housings. Both the
emitter and detector modules employ 24 AWG wire leads which are
terminated with a Panduit CE156F24-2 connector for the HOA6299-002,
and a Panduit CE156F24-3 connector for the HOA6299-003.
The detector’s NPN output switches whenever an opaque object
blocks the beam path. The buffer logic provides a logic high when the
optical path is clear, and a logic low when the optical path is blocked.
The internal current limiting resistor in the emitter module eliminates the
need for an external interface circuit. The HOA6299 series employs an
IR transmissive housing which features smooth optical faces without
external aperture openings; this feature is desirable when aperture
blockage from airborne contaminants is a possibility.
The HOA6299 Series through beam modules are tested to ensure
operation at minimum separation of (63,5 mm) 2.5 in. This gap can
easily be changed for applications with other spacing requirements.
Housing material is IR transmissive polysulfone. Housings are soluble
in chlorinated hydrocarbons and ketones. Recommended cleaning
agents are methanol and isopropanol.


Similar Part No. - SDP8304-301

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SDP8304 HONEYWELL-SDP8304 Datasheet
395Kb / 4P
   Optoschmitt Detector Open-Collector Output
More results

Similar Description - SDP8304-301

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57227 EPCOS-B57227 Datasheet
201Kb / 8P
   Probe assemblies
logo
Microsemi Corporation
US12 MICROSEMI-US12 Datasheet
153Kb / 4P
   RECTIFIERS ASSEMBLIES
678 MICROSEMI-678 Datasheet
118Kb / 3P
   RECTIFIERS ASSEMBLIES
logo
TDK Electronics
B57514K0493A001 TDK-B57514K0493A001 Datasheet
235Kb / 9P
   Probe assemblies
logo
Microsemi Corporation
679 MICROSEMI-679 Datasheet
129Kb / 3P
   RECTIFIERS ASSEMBLIES
673 MICROSEMI-673 Datasheet
79Kb / 2P
   RECTIFIERS ASSEMBLIES
logo
ORION FANS
GRM92-30 ORIONFANS-GRM92-30 Datasheet
317Kb / 1P
   Filter Assemblies
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
   Cable Assemblies
logo
Glenair, Inc.
220-07H10 GLENAIR-220-07H10 Datasheet
424Kb / 1P
   Receptacle Assemblies
logo
Dynex Semiconductor
AN4505 DYNEX-AN4505 Datasheet
116Kb / 5P
   Power Assemblies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com